Electronic Components Datasheet Search
  English  ▼

X  

ONET1130EC Datasheet(PDF) 5 Page - Texas Instruments

Part # ONET1130EC
Description  ONET1130EC 11.7 Gbps Transceiver with Dual CDRs and Modulator Driver
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ONET1130EC Datasheet(HTML) 5 Page - Texas Instruments

  ONET1130EC Datasheet HTML 1Page - Texas Instruments ONET1130EC Datasheet HTML 2Page - Texas Instruments ONET1130EC Datasheet HTML 3Page - Texas Instruments ONET1130EC Datasheet HTML 4Page - Texas Instruments ONET1130EC Datasheet HTML 5Page - Texas Instruments ONET1130EC Datasheet HTML 6Page - Texas Instruments ONET1130EC Datasheet HTML 7Page - Texas Instruments ONET1130EC Datasheet HTML 8Page - Texas Instruments ONET1130EC Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 64 page
background image
ONET1130EC
www.ti.com
SLLSEJ3A – JUNE 2015 – REVISED JULY 2015
7 Specifications
7.1 Absolute Maximum Ratings
(1) (2)
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
Supply voltage
at VCC_TX, VCC_RX, VDD
–0.5
3
V
at 3.3-V tolerant pins LOL, SDA, SCK, RX_LOS, RX_DIS,
V
–0.5
3.6
TX_FLT, TX_DIS
Voltage
at all other pins MONB, TXIN+, TXIN–, PD, MONP, TX_LF,
BIAS, TXOUT–, TXOUT+, AMP, RXIN+, RXIN–, COMP,
–0.5
3
V
RX_LF, RXOUT–, RXOUT+,
Maximum current at transmitter input pins TXIN+, TXIN–
10
mA
Maximum current at transmitter output
TXOUT+, TXOUT–
125
mA
pins
Maximum current at receiver input pins
RXIN+, RXIN–
10
mA
Maximum current at receiver output pins
RXOUT+, RXOUT–
30
mA
Maximum junction temperature, TJ
125
°C
Storage temperature, Tstg
–65
150
°C
(1)
Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating
conditions” is not implied. Exposure to absolute–maximum–rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to network ground terminal.
7.2 ESD Ratings
VALUE
UNIT
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
Electrostatic
V(ESD)
V
discharge
Charged-device model (CDM), per JEDEC specification JESD22-C101(2)
±750
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
7.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
TYP
MAX
UNIT
VCC
Supply Voltage
2.37
2.5
2.63
V
VIH
Digital input high voltage
2
V
TX_DIS, RX_DIS, SCK, SDA, 3.3-V tolerant IOs
VIL
Digital input low voltage
0.8
V
Control bit TXPDRNG = 1x, step size = 3 µA
3080
Photodiode current range
Control bit TXPDRNG = 01, step size = 1.5 µA
1540
µA
Control bit TXPDRNG = 00, step size = 0.75 µA
770
TXCDR_DIS = 0 and RXCDR_DIS = 0
9.8
11.7
Serial Data rate
Gbps
TXCDR_DIS = 1 and RXCDR_DIS = 1
1
11.7
VAMP
Amplitude control input voltage range
0
2
V
tR-IN
Input rise time
20%–80%
30
45
ps
tF-IN
Input fall time
20%–80%
30
45
ps
TC
Temperature at thermal pad
–40
100
°C
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: ONET1130EC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com