Electronic Components Datasheet Search
  English  ▼

X  

OPA333 Datasheet(PDF) 7 Page - Texas Instruments

Part # OPA333
Description  OPA333-Q1 Automotive, 1.8-V, Micropower, CMOS, Zero-Drift Operational Amplifier
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA333 Datasheet(HTML) 7 Page - Texas Instruments

Back Button OPA333 Datasheet HTML 3Page - Texas Instruments OPA333 Datasheet HTML 4Page - Texas Instruments OPA333 Datasheet HTML 5Page - Texas Instruments OPA333 Datasheet HTML 6Page - Texas Instruments OPA333 Datasheet HTML 7Page - Texas Instruments OPA333 Datasheet HTML 8Page - Texas Instruments OPA333 Datasheet HTML 9Page - Texas Instruments OPA333 Datasheet HTML 10Page - Texas Instruments OPA333 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
0
0
Input
Output
10 kW
1 kW
OPA333-Q1
+2.5 V
-2.5 V
Time (50 s/div)
m
Time (5 s/div)
m
G = +1
R = 10 kW
L
Time (50 s/div)
m
G = 1
R = 10 kW
L
-50
25
20
15
10
5
0
-25
Temperature ( C)
°
125
100
75
50
25
0
V = 1.8 V
S
V = 5.5 V
S
-50
200
150
100
50
0
-50
-100
-150
-200
-25
Temperature ( C)
°
125
100
75
50
25
0
V = 5.5 V
S
V = 1.8 V
S
-IB
-IB
+I
B
+I
B
0
100
80
60
40
20
0
-20
-40
-60
-80
-100
1
Common-ModeVoltage(V)
5
4
3
2
-IB
+I
B
7
OPA333-Q1
www.ti.com
SBOS522A – JUNE 2010 – REVISED NOVEMBER 2019
Product Folder Links: OPA333-Q1
Submit Documentation Feedback
Copyright © 2010–2019, Texas Instruments Incorporated
Typical Characteristics (continued)
VS = 5 V
Figure 7. Input Bias Current vs Common-Mode Voltage
Figure 8. Input Bias Current vs Temperature
Figure 9. Quiescent Current vs Temperature
G = 1
RL = 10 kΩ
Figure 10. Large-Signal Step Response
G = 1
RL = 10 kΩ
Figure 11. Small-Signal Step Response
Figure 12. Positive Overvoltage Recovery



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com