Electronic Components Datasheet Search
  English  ▼

X  

OPA333 Datasheet(PDF) 10 Page - Texas Instruments

Part # OPA333
Description  OPA333-Q1 Automotive, 1.8-V, Micropower, CMOS, Zero-Drift Operational Amplifier
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA333 Datasheet(HTML) 10 Page - Texas Instruments

Back Button OPA333 Datasheet HTML 6Page - Texas Instruments OPA333 Datasheet HTML 7Page - Texas Instruments OPA333 Datasheet HTML 8Page - Texas Instruments OPA333 Datasheet HTML 9Page - Texas Instruments OPA333 Datasheet HTML 10Page - Texas Instruments OPA333 Datasheet HTML 11Page - Texas Instruments OPA333 Datasheet HTML 12Page - Texas Instruments OPA333 Datasheet HTML 13Page - Texas Instruments OPA333 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
V
OUT
R = 20 kW
P
Op Amp V = GND
-
OPA333-Q1
V
IN
V+ = +5 V
-5 V
Additional
Negative
Supply
Copyright © 2017, Texas Instruments Incorporated
10
OPA333-Q1
SBOS522A – JUNE 2010 – REVISED NOVEMBER 2019
www.ti.com
Product Folder Links: OPA333-Q1
Submit Documentation Feedback
Copyright © 2010–2019, Texas Instruments Incorporated
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
The OPA333-Q1 is a unity-gain stable, precision operational amplifier with very low offset voltage drift. The
device is also free from output phase reversal. Applications with noisy or high-impedance power supplies require
decoupling capacitors close to the device power-supply pins. In most cases, 0.1-μF capacitors are adequate.
8.1.1 Achieving Output Swing to the Op Amp Negative Rail
Some applications require output voltage swings from 0 V to a positive full-scale voltage (such as 2.5 V) with
excellent accuracy. With most single-supply op amps, problems arise when the output signal approaches 0 V,
near the lower output swing limit of a single-supply op amp. A good single-supply op amp may swing close to
single-supply ground, but will not reach ground. The output of the OPA333-Q1 can be made to swing to ground,
or slightly below, on a single-supply power source. To do so requires the use of another resistor and an
additional, more negative, power supply than the op amp negative supply. A pulldown resistor may be connected
between the output and the additional negative supply to pull the output down below the value that the output
would otherwise achieve (see Figure 19).
Figure 19. VOUT Range to Ground
The OPA333-Q1 has an output stage that allows the output voltage to be pulled to its negative supply rail, or
slightly below, using the technique previously described. This technique only works with some types of output
stages. The OPA333-Q1 has been characterized to perform with this technique; however, the recommended
resistor value is approximately 20 k
Ω.
NOTE
This configuration increases the current consumption by several hundreds of microamps.
Accuracy is excellent down to 0 V and as low as –2 mV. Limiting and nonlinearity occur below –2 mV, but
excellent accuracy returns when the output is again driven above –2 mV. Lowering the resistance of the pulldown
resistor allows the op amp to swing even further below the negative rail. Resistors as low as 10 k
Ω can be used
to achieve excellent accuracy down to –10 mV.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com