Electronic Components Datasheet Search
  English  ▼

X  

OPA333 Datasheet(PDF) 13 Page - Texas Instruments

Part # OPA333
Description  OPA333-Q1 Automotive, 1.8-V, Micropower, CMOS, Zero-Drift Operational Amplifier
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA333 Datasheet(HTML) 13 Page - Texas Instruments

Back Button OPA333 Datasheet HTML 9Page - Texas Instruments OPA333 Datasheet HTML 10Page - Texas Instruments OPA333 Datasheet HTML 11Page - Texas Instruments OPA333 Datasheet HTML 12Page - Texas Instruments OPA333 Datasheet HTML 13Page - Texas Instruments OPA333 Datasheet HTML 14Page - Texas Instruments OPA333 Datasheet HTML 15Page - Texas Instruments OPA333 Datasheet HTML 16Page - Texas Instruments OPA333 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
+
R3 100 k
C1 10 nF
R4 100 k
VIN
+
OPA333-Q1
5 V
Rset
100 k
RLOAD
IOUT
+
AM1
A
±
R1
R1
R2
U2
INA326
R1
40.2 k
5 V
VOUT_OPA
VOUT_INA
R2
200 k
C2 1 nF
+
Copyright © 2017, Texas Instruments Incorporated
13
OPA333-Q1
www.ti.com
SBOS522A – JUNE 2010 – REVISED NOVEMBER 2019
Product Folder Links: OPA333-Q1
Submit Documentation Feedback
Copyright © 2010–2019, Texas Instruments Incorporated
Typical Applications (continued)
8.2.2 Precision, Low-Level Voltage-to-Current (V-I) Converter
The circuit shown in Figure 22 is a precision, low-level voltage-to-current (V-I) converter. The converter translates
in input voltage of 0 V to 5 V and output current of 0 µA to 5 µA. Figure 23 shows the measured transfer function
for this circuit. The low offset voltage and offset drift of the OPA333-Q1 facilitate excellent dc accuracy for the
circuit. Figure 24 shows the calibrated error for the entire range of the circuit.
Figure 22. Low-Level, Precision V-I Converter
8.2.2.1 Design Requirements
The design requirements are as follows:
•
Supply voltage: 5 V dc
•
Input: 0 V to 5 V dc
•
Output: 0 μA to 5 μA dc
8.2.2.2 Detailed Design Procedure
The V-I transfer function of the circuit is based on the relationship between the input voltage, VIN, RSET, and the
instrumentation amplifier (INA) gain. During operation, the input voltage divided by the INA gain appears across
the set resistor in Equation 1:
VSET = VIN / GINA
(1)
The current through RSET must flow through the load, so IOUT is VSET / RSET × IOUT remains a well-regulated
current as long as the total voltage across RSET and RLOAD does not violate the output limits of the operational
amplifier or the input common-mode limits of the INA. The voltage across the set resistor (VSET) is the input
voltage divided by the INA gain (that is, VSET = 1 V / 10 = 0.1 V). The current is determined by VSET and RSET
shown in Equation 2:
IOUT = VSET / RSET = 0.1 V / 100 kΩ = 1 μA
(2)
A detailed error analysis, design procedure, and additional measured results are given in the Low-Level V-to-I
Converter reference design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com