Electronic Components Datasheet Search
  English  ▼

X  

OPA325IDBVT Datasheet(PDF) 3 Page - Texas Instruments

Part # OPA325IDBVT
Description  OPAx325 Precision, 10-MHz, Low-Noise, Low-Power, RRIO, CMOS Operational Amplifiers
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA325IDBVT Datasheet(HTML) 3 Page - Texas Instruments

  OPA325IDBVT Datasheet HTML 1Page - Texas Instruments OPA325IDBVT Datasheet HTML 2Page - Texas Instruments OPA325IDBVT Datasheet HTML 3Page - Texas Instruments OPA325IDBVT Datasheet HTML 4Page - Texas Instruments OPA325IDBVT Datasheet HTML 5Page - Texas Instruments OPA325IDBVT Datasheet HTML 6Page - Texas Instruments OPA325IDBVT Datasheet HTML 7Page - Texas Instruments OPA325IDBVT Datasheet HTML 8Page - Texas Instruments OPA325IDBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 45 page
background image
1
OUT A
8
V+
2
±IN A
7
OUT B
3
+IN A
6
±IN B
4
V±
5
+IN B
Not to scale
1
OUT
2
V±
3
+IN
4
±IN
5
V+
Not to scale
3
OPA325, OPA2325, OPA4325
www.ti.com
SBOS637D – OCTOBER 2016 – REVISED JUNE 2019
Product Folder Links: OPA325 OPA2325 OPA4325
Submit Documentation Feedback
Copyright © 2016–2019, Texas Instruments Incorporated
5 Pin Configuration and Functions
OPA325: DBV Package
5-Pin SOT-23
Top View
Pin Functions: OPA325
PIN
I/O
DESCRIPTION
NAME
NO.
–IN
4
I
Inverting input
+IN
3
I
Noninverting input
OUT
1
O
Output
V–
2
—
Negative (lowest) power supply
V+
5
—
Positive (highest) power supply
OPA2325: D and DGK Packages
8-Pin SOIC, 8-Pin VSSOP
Top View
Pin Functions: OPA2325
PIN
I/O
DESCRIPTION
NAME
NO.
–IN A
2
I
Inverting input channel A
+IN A
3
I
Noninverting input channel A
–IN B
6
I
Inverting input channel B
+IN B
5
I
Noninverting input channel B
OUT A
1
O
Output channel A
OUT B
7
O
Output channel B
V–
4
—
Negative supply
V+
8
—
Positive supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com