Electronic Components Datasheet Search
  English  ▼

X  

OPA325IDBVT Datasheet(PDF) 1 Page - Texas Instruments

Part # OPA325IDBVT
Description  OPAx325 Precision, 10-MHz, Low-Noise, Low-Power, RRIO, CMOS Operational Amplifiers
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA325IDBVT Datasheet(HTML) 1 Page - Texas Instruments

  OPA325IDBVT Datasheet HTML 1Page - Texas Instruments OPA325IDBVT Datasheet HTML 2Page - Texas Instruments OPA325IDBVT Datasheet HTML 3Page - Texas Instruments OPA325IDBVT Datasheet HTML 4Page - Texas Instruments OPA325IDBVT Datasheet HTML 5Page - Texas Instruments OPA325IDBVT Datasheet HTML 6Page - Texas Instruments OPA325IDBVT Datasheet HTML 7Page - Texas Instruments OPA325IDBVT Datasheet HTML 8Page - Texas Instruments OPA325IDBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 45 page
background image
ADC
C
VREF
VSS
VDD
5 V
3.3 V
R
OPAx325
Input
+
±150
±125
±100
±75
±50
±25
0
25
50
75
100
125
150
±3
±2
±1
0
1
2
3
V
CM (V)
C003
V
CM = ±2.85 V
V
CM = 2.85 V
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
Reference
Design
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
OPA325, OPA2325, OPA4325
SBOS637D – OCTOBER 2016 – REVISED JUNE 2019
OPAx325
Precision, 10-MHz, Low-Noise, Low-Power, RRIO, CMOS Operational Amplifiers
1
1 Features
1
•
Precision with zero-crossover distortion:
–
Low offset voltage: 150 μV (maximum)
–
High CMRR: 114 dB
–
Rail-to-rail I/O
•
Wide bandwidth: 10 MHz
•
Quiescent current: 650 μA/ch
•
Single-supply voltage range: 2.2 V to 5.5 V
•
Low input bias current: 0.2 pA
•
Low noise: 9 nV/
√Hz at 10 kHz
•
Slew rate: 5 V/μs
•
Unity-gain stable
2 Applications
•
High-Z sensor signal conditioning
•
Transimpedance amplifiers
•
Test and measurement equipment
•
Programmable logic controllers (PLCs)
•
Motor control loops
•
Communications
•
Input, output ADC, and DAC buffers
•
Active filters
Offset Voltage vs Input Common-Mode Voltage
3 Description
The OPA325, OPA2325, and OPA4325 (OPAx325)
are precision, low-voltage complementary metal-oxide
semiconductor
(CMOS)
operational
amplifiers
optimized for very low noise and wide bandwidth,
while operating on a low quiescent current of only
650 μA.
The OPAx325 feature a linear input stage with zero-
crossover distortion that delivers excellent common-
mode rejection ratio (CMRR) of typically 114 dB over
the entire input range. The input common-mode
range extends 100 mV beyond the negative and
positive supply rails. The output voltage typically
swings within 10 mV of the rails.
The zero-crossover distortion, combined with wide
bandwidth (10 MHz), high slew rate (5 V/µs), and low
noise (9 nV/
√Hz), make the OPAx325 a very good
successive-approximation register (SAR) analog-to-
digital converter (ADC) input driver amplifier. In
addition, the OPAx325 have a wide supply-voltage
range from 2.2 V to 5.5 V, with excellent power-
supply rejection ratio (PSRR) over the entire supply
range, making the device an excellent choice for
precision, low-power applications that run directly
from batteries without regulation.
The OPA325 (single-channel version) is available in
the SOT23-5 package. The OPA2325 (dual-channel
version) is offered in SO-8 and MSOP-8 packages.
The OPA4325 (quad-channel version) is available in
TSSOP-14 package.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
OPA325
SOT-23 (5)
2.90 mm × 1.60 mm
OPA2325
SOIC (8)
4.90 mm × 3.91 mm
VSSOP (8)
3.00 mm × 3.00 mm
OPA4325
TSSOP (14)
5.00 mm × 4.40 mm
(1) For all available packages, see the package option addendum
at the end of the data sheet.
The OPAx325 as an ADC Driver Amplifier


Similar Part No. - OPA325IDBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA325IDBVT TI1-OPA325IDBVT Datasheet
3Mb / 42P
Precision, 10-MHz, Low-Noise, Low-Power, RRIO, CMOS Operational Amplifiers
More results

Similar Description - OPA325IDBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA316 TI-OPA316 Datasheet
2Mb / 46P
OPAx316 10-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA316 TI1-OPA316_16 Datasheet
2Mb / 48P
10-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA2325 TI1-OPA2325 Datasheet
2Mb / 32P
Precision, 10-MHz, Low-Noise, Low-Power, RRIO, CMOS Operational Amplifier
OPA2325 TI1-OPA2325_18 Datasheet
2Mb / 34P
Precision, 10-MHz, Low-Noise, Low-Power, RRIO, CMOS Operational Amplifier
OPA2325 TI1-OPA2325_19 Datasheet
2Mb / 38P
Precision, 10-MHz, low-noise, low-power, RRIO, CMOS operational amplifiers
OPA2325_1905 TI1-OPA2325_1905 Datasheet
2Mb / 39P
Precision, 10-MHz, Low-Noise, Low-Power, RRIO, CMOS Operational Amplifiers
TLV9062-Q1 TI1-TLV9062-Q1 Datasheet
1Mb / 30P
Automotive 10-MHz, RRIO, CMOS Operational Amplifiers
OPA325 TI1-OPA325 Datasheet
3Mb / 42P
Precision, 10-MHz, Low-Noise, Low-Power, RRIO, CMOS Operational Amplifiers
OPA328 TI-OPA328 Datasheet
1Mb / 31P
OPAx328 Precision, 40-MHz, 1.0-pA, Low-Noise, RRIO, CMOS Operational Amplifiers With Shutdown
REVISED NOVEMBER 2022
OPA328 TI-OPA328_V01 Datasheet
1Mb / 32P
OPAx328 Precision, 40-MHz, 1.0-pA, Low-Noise, RRIO, CMOS Operational Amplifiers With Shutdown
REVISED MAY 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com