Electronic Components Datasheet Search
  English  ▼

X  

OPA325IDBVT Datasheet(PDF) 9 Page - Texas Instruments

Part # OPA325IDBVT
Description  OPAx325 Precision, 10-MHz, Low-Noise, Low-Power, RRIO, CMOS Operational Amplifiers
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA325IDBVT Datasheet(HTML) 9 Page - Texas Instruments

Back Button OPA325IDBVT Datasheet HTML 5Page - Texas Instruments OPA325IDBVT Datasheet HTML 6Page - Texas Instruments OPA325IDBVT Datasheet HTML 7Page - Texas Instruments OPA325IDBVT Datasheet HTML 8Page - Texas Instruments OPA325IDBVT Datasheet HTML 9Page - Texas Instruments OPA325IDBVT Datasheet HTML 10Page - Texas Instruments OPA325IDBVT Datasheet HTML 11Page - Texas Instruments OPA325IDBVT Datasheet HTML 12Page - Texas Instruments OPA325IDBVT Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 45 page
background image
±150
±100
±50
0
50
100
150
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
V
SUPPLY (V)
C017
V
S = ± 2.75 V
V
S = ± 1.1 V
0
45
90
135
180
±20
0
20
40
60
80
100
120
140
1
10
100
1k
10k
100k
1M
10M
Frequency (Hz)
C200
Gain
Phase
±150
±125
±100
±75
±50
±25
0
25
50
75
100
125
150
±3
±2
±1
0
1
2
3
V
CM (V)
C003
V
CM = ±2.85 V
V
CM = 2.85 V
±500
±400
±300
±200
±100
0
100
200
300
400
500
±75
±50
±25
0
25
50
75
100
125
150
Temperature (
ƒC)
C010
0
5
10
15
Offset Voltage (µV)
C002
0
5
10
15
20
Offset Voltage Drift (µV/
ƒC)
C001
9
OPA325, OPA2325, OPA4325
www.ti.com
SBOS637D – OCTOBER 2016 – REVISED JUNE 2019
Product Folder Links: OPA325 OPA2325 OPA4325
Submit Documentation Feedback
Copyright © 2016–2019, Texas Instruments Incorporated
6.8 Typical Characteristics
at TA = 25°C, VCM = VOUT = midsupply, and RL = 10 kΩ (unless otherwise noted)
Figure 1. Offset Voltage Production Distribution Histogram
Figure 2. Offset Voltage Drift Distribution Histogram
Figure 3. Offset Voltage vs Common-Mode Voltage
Figure 4. Offset Voltage vs Temperature
CL = 15 pF
Figure 5. Open-Loop Gain and Phase vs Frequency
Figure 6. Offset Voltage vs Supply Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com