Electronic Components Datasheet Search
  English  ▼

X  

OPA325IDBVT Datasheet(PDF) 11 Page - Texas Instruments

Part # OPA325IDBVT
Description  OPAx325 Precision, 10-MHz, Low-Noise, Low-Power, RRIO, CMOS Operational Amplifiers
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA325IDBVT Datasheet(HTML) 11 Page - Texas Instruments

Back Button OPA325IDBVT Datasheet HTML 7Page - Texas Instruments OPA325IDBVT Datasheet HTML 8Page - Texas Instruments OPA325IDBVT Datasheet HTML 9Page - Texas Instruments OPA325IDBVT Datasheet HTML 10Page - Texas Instruments OPA325IDBVT Datasheet HTML 11Page - Texas Instruments OPA325IDBVT Datasheet HTML 12Page - Texas Instruments OPA325IDBVT Datasheet HTML 13Page - Texas Instruments OPA325IDBVT Datasheet HTML 14Page - Texas Instruments OPA325IDBVT Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 45 page
background image
0
10
20
30
40
50
60
±75
±50
±25
0
25
50
75
100
125
150
Temperature (
ƒC)
C008
I
SC, Source
I
SC, Sink
0
20
40
60
80
100
120
1
10
100
1k
10k
100k
1M
Frequency (Hz)
C203
PSRR+
CMRR
PSRR-
0
0.5
1
1.5
2
2.5
3
0
10
20
30
40
50
60
I
O (mA)
C009A
±40°C
25°C
125°C
85°C
-3
-2.5
-2
-1.5
-1
-0.5
0
0
10
20
30
40
50
60
I
O (mA)
C009B
125°C
25°C
±40°C
85°C
0
5
10
15
20
25
Input Offset Current (pA)
C016
0.0
0.5
1.0
1.5
2.0
±75
±50
±25
0
25
50
75
100
125
150
Temperature (
ƒC)
C014
I
OS
11
OPA325, OPA2325, OPA4325
www.ti.com
SBOS637D – OCTOBER 2016 – REVISED JUNE 2019
Product Folder Links: OPA325 OPA2325 OPA4325
Submit Documentation Feedback
Copyright © 2016–2019, Texas Instruments Incorporated
Typical Characteristics (continued)
at TA = 25°C, VCM = VOUT = midsupply, and RL = 10 kΩ (unless otherwise noted)
Figure 13. Input Offset Current Distribution Histogram
Figure 14. Input Bias Current vs Temperature
Figure 15. Output Voltage Swing (Positive) vs
Output Current
Figure 16. Output Voltage Swing (Negative) vs
Output Current
Figure 17. Short-Circuit Current vs Temperature
Figure 18. CMRR and PSRR vs Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com