Electronic Components Datasheet Search
  English  ▼

X  

OPA325IDBVT Datasheet(PDF) 7 Page - Texas Instruments

Part # OPA325IDBVT
Description  OPAx325 Precision, 10-MHz, Low-Noise, Low-Power, RRIO, CMOS Operational Amplifiers
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA325IDBVT Datasheet(HTML) 7 Page - Texas Instruments

Back Button OPA325IDBVT Datasheet HTML 3Page - Texas Instruments OPA325IDBVT Datasheet HTML 4Page - Texas Instruments OPA325IDBVT Datasheet HTML 5Page - Texas Instruments OPA325IDBVT Datasheet HTML 6Page - Texas Instruments OPA325IDBVT Datasheet HTML 7Page - Texas Instruments OPA325IDBVT Datasheet HTML 8Page - Texas Instruments OPA325IDBVT Datasheet HTML 9Page - Texas Instruments OPA325IDBVT Datasheet HTML 10Page - Texas Instruments OPA325IDBVT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 45 page
background image
7
OPA325, OPA2325, OPA4325
www.ti.com
SBOS637D – OCTOBER 2016 – REVISED JUNE 2019
Product Folder Links: OPA325 OPA2325 OPA4325
Submit Documentation Feedback
Copyright © 2016–2019, Texas Instruments Incorporated
(1)
Third-order filter; bandwidth = 80 kHz at –3 dB.
6.7 Electrical Characteristics: VS = 2.2 V to 5.5 V or ±1.1 V to ±2.75 V
at TA = 25°C, RL = 10 kΩ connected to VS / 2, VCM = VS / 2, and VOUT = VS / 2 (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OFFSET VOLTAGE
VOS
Input offset voltage
40
150
µV
dVOS/dT
Input offset voltage drift
VS = 5.5 V, TA = –40°C to +125°C
2
7.5
µV/°C
PSRR
Power-supply rejection ratio
VS = 2.2 V to +5.5 V
6
20
µV/V
VS = 2.2 V to 5.5 V, TA = –40°C to +125°C
15
Channel separation
At 1 kHz
130
dB
INPUT VOLTAGE
VCM
Common-mode voltage range
(V–) – 0.1
(V+) + 0.1
V
CMRR
Common-mode rejection ratio
VS = 5.5 V, (V–) – 0.1 V < VCM < (V+) + 0.1 V
100
114
dB
TA = –40°C to +125°C
95
INPUT BIAS CURRENT
IB
Input bias current
±0.2
±10
pA
TA = –40°C to +85°C
±500
TA = –40°C to +125°C
±10
nA
IOS
Input offset current
±0.2
±10
pA
TA = –40°C to +85°C
±500
TA = –40°C to +125°C
±10
nA
NOISE
Input voltage noise
f = 0.1 Hz to 10 Hz
2.8
µVPP
en
Input voltage noise density
f = 1 kHz
10
nV/
√Hz
f = 10 kHz
9
in
Input current noise density
f = 1 kHz
1.3
fA/
√Hz
INPUT CAPACITANCE
Differential
5
pF
Common-mode
4
pF
OPEN-LOOP GAIN
AOL
Open-loop voltage gain
0.1 V < VO < (V+) – 0.1 V, RL = 10 kΩ
105
130
dB
0.1 V < VO < (V+) – 0.1 V, RL = 10 kΩ,
TA = –40°C to +125°C
95
128
0.2 V < VO < (V+) – 0.2 V, RL = 2 kΩ
100
110
PM
Phase margin
G = 1 V/V, VS = 5 V, CL = 15 pF
67
Degrees
FREQUENCY RESPONSE (VS = 5.0 V, CL = 50 pF)
GBP
Gain bandwidth product
Unity gain
10
MHz
SR
Slew rate
G = +1
5
V/μs
tS
Settling time
To 0.1%, 2-V step, G = +1
0.6
µs
To 0.01%, 2-V step, G = +1
1
Overload recovery time
VIN × G > VS
200
ns
THD+N
Total harmonic distortion + noise(1)
VO = 4 VPP, G = +1, f = 10 kHz, RL = 10 kΩ
0.0005%
VO = 2 VPP, G = +1, f = 10 kHz, RL = 600 Ω
0.005%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com