Electronic Components Datasheet Search
  English  ▼

X  

OPA1655DBVT Datasheet(PDF) 3 Page - Texas Instruments

Part # OPA1655DBVT
Description  OPA165x Ultra-Low-Noise, Low-Distortion, FET-Input, Burr-Brown™ Audio Operational Amplifiers
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA1655DBVT Datasheet(HTML) 3 Page - Texas Instruments

  OPA1655DBVT Datasheet HTML 1Page - Texas Instruments OPA1655DBVT Datasheet HTML 2Page - Texas Instruments OPA1655DBVT Datasheet HTML 3Page - Texas Instruments OPA1655DBVT Datasheet HTML 4Page - Texas Instruments OPA1655DBVT Datasheet HTML 5Page - Texas Instruments OPA1655DBVT Datasheet HTML 6Page - Texas Instruments OPA1655DBVT Datasheet HTML 7Page - Texas Instruments OPA1655DBVT Datasheet HTML 8Page - Texas Instruments OPA1655DBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 42 page
background image
5 Pin Configuration and Functions
1
NC
8
NC
2
–IN
7
V+
3
+IN
6
OUT
4
V–
5
NC
Not to scale
+
–
Figure 5-1. OPA1655 D (8-Pin SOIC) Package,
Top View
1
OUT
2
V±
3
+IN
4
±IN
5
V+
Not to scale
Figure 5-2. OPA1655 DBV (5-Pin SOT-23) Package,
Top View
Pin Functions: OPA1655
PIN
TYPE
DESCRIPTION
NAME
NO.
D (SOIC)
DBV (SOT-23)
–IN
2
4
Input
Inverting input
+IN
3
3
Input
Noninverting input
OUT
6
1
Output
Output
V–
4
2
Power
Negative (lowest) power supply
V+
7
5
Power
Positive (highest) power supply
1
OUT A
8
V+
2
±IN A
7
OUT B
3
+IN A
6
±IN B
4
V±
5
+IN B
Not to scale
Figure 5-3. OPA1656 D (8-Pin SOIC) Package, Top View
Pin Functions: OPA1656
PIN
TYPE
DESCRIPTION
NAME
NO.
–IN A
2
Input
Inverting input, channel A
+IN A
3
Input
Noninverting input, channel A
–IN B
6
Input
Inverting input, channel B
+IN B
5
Input
Noninverting input, channel B
OUT A
1
Output
Output, channel A
OUT B
7
Output
Output, channel B
V–
4
Power
Negative (lowest) power supply
V+
8
Power
Positive (highest) power supply
www.ti.com
OPA1655, OPA1656
SBOS901C – MARCH 2019 – REVISED SEPTEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: OPA1655 OPA1656



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com