Electronic Components Datasheet Search
  English  ▼

X  

OPA1655DBVT Datasheet(PDF) 6 Page - Texas Instruments

Part # OPA1655DBVT
Description  OPA165x Ultra-Low-Noise, Low-Distortion, FET-Input, Burr-Brown™ Audio Operational Amplifiers
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA1655DBVT Datasheet(HTML) 6 Page - Texas Instruments

Back Button OPA1655DBVT Datasheet HTML 2Page - Texas Instruments OPA1655DBVT Datasheet HTML 3Page - Texas Instruments OPA1655DBVT Datasheet HTML 4Page - Texas Instruments OPA1655DBVT Datasheet HTML 5Page - Texas Instruments OPA1655DBVT Datasheet HTML 6Page - Texas Instruments OPA1655DBVT Datasheet HTML 7Page - Texas Instruments OPA1655DBVT Datasheet HTML 8Page - Texas Instruments OPA1655DBVT Datasheet HTML 9Page - Texas Instruments OPA1655DBVT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 42 page
background image
6.6 Electrical Characteristics
at TA = 25°C, VS = ±18 V, RL = 2 kΩ, and VCM = VOUT = VS/2 (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
AUDIO PERFORMANCE
THD+N
Total harmonic distortion + noise
G = 1, RL = 600 Ω, VO = 3.5 VRMS, f = 1 kHz,
80-kHz measurement bandwidth
0.000029%
–131
dB
G = 1, RL = 600 Ω, VO = 3.5 VRMS, f = 20 kHz,
80-kHz measurement bandwidth
0.0001%
–120
dB
G = 1, RL = 2 kΩ, VO = 3.5 VRMS, f = 1 kHz,
80-kHz measurement bandwidth
0.000029%
–131
dB
G = 1, RL = 2 kΩ, VO = 3.5 VRMS, f = 20 kHz,
80-kHz measurement bandwidth
0.000035%
–129
dB
IMD
Intermodulation distortion
G = 1
VO = 3.5 VRMS
SMPTE/DIN two-tone, 4:1
(60 Hz and 7 kHz)
0.000018%
–135
dB
CCIF twin-tone
(19 kHz and 20 kHz)
0.000020%
–134
dB
FREQUENCY RESPONSE
GBW
Gain-bandwidth product
G = 100
53
MHz
Unity gain bandwidth
G = 1
20
MHz
SR
Slew rate
G = –1, 10-V step
24
V/µs
Full-power bandwidth(1)
VO = 1 VP
3.8
MHz
Overload recovery time
G = –10
100
ns
Channel separation
f = 1 kHz
–135
dB
Settling time
0.01%, G = –1, 10-V step
800
ns
NOISE
Input voltage noise
f = 20 Hz to 20 kHz
0.53
µVRMS
f = 0.1 Hz to 10 Hz
1.9
µVPP
en
Input voltage noise density
f = 100 Hz
11.8
nV/√Hz
f = 1 kHz
4.3
nV/√Hz
f = 10 kHz
2.9
in
Input current noise density
f = 1 kHz
6
fA/√Hz
OFFSET VOLTAGE
VOS
Input offset voltage
VS = ±2.25 V to ±18 V
±0.5
±1
mV
dVOS/dT
Input offset voltage drift(2)
VS = ±2.25 V to ±18 V
TA = –40°C to +125°C
0.3
2
µV/°C
PSRR
Power-supply rejection ratio
VS = ±2.25 V to ±18 V
0.3
5
µV/V
INPUT BIAS CURRENT
IB
Input bias current(3)
VCM = 0 V
OPA1655
±10
pA
OPA1656
±10
±20
IOS
Input offset current
VCM = 0 V
OPA1655
±10
pA
OPA1656
±10
±20
INPUT VOLTAGE RANGE
VCM
Common-mode voltage range
(V–)
(V+) – 2.25
V
CMRR
Common-mode rejection ratio
(V–) ≤ VCM ≤ (V+) – 2.25
106
120
dB
INPUT IMPEDANCE
Differential
100 || 9.1
MΩ || pF
Common-mode
6 || 1.9
1012Ω || pF
OPEN-LOOP GAIN
AOL
Open-loop voltage gain
(V–) + 1.3 V ≤ VO ≤ (V+) – 1.3 V
RL = 600 Ω
134
150
dB
(V–) + 0.5 V ≤ VO ≤ (V+) – 0.5 V
RL = 2 kΩ
134
154
OPA1655, OPA1656
SBOS901C – MARCH 2019 – REVISED SEPTEMBER 2022
www.ti.com
6
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: OPA1655 OPA1656



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com