Electronic Components Datasheet Search
  English  ▼

X  

OPA1655DBVT Datasheet(PDF) 10 Page - Texas Instruments

Part # OPA1655DBVT
Description  OPA165x Ultra-Low-Noise, Low-Distortion, FET-Input, Burr-Brown™ Audio Operational Amplifiers
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA1655DBVT Datasheet(HTML) 10 Page - Texas Instruments

Back Button OPA1655DBVT Datasheet HTML 6Page - Texas Instruments OPA1655DBVT Datasheet HTML 7Page - Texas Instruments OPA1655DBVT Datasheet HTML 8Page - Texas Instruments OPA1655DBVT Datasheet HTML 9Page - Texas Instruments OPA1655DBVT Datasheet HTML 10Page - Texas Instruments OPA1655DBVT Datasheet HTML 11Page - Texas Instruments OPA1655DBVT Datasheet HTML 12Page - Texas Instruments OPA1655DBVT Datasheet HTML 13Page - Texas Instruments OPA1655DBVT Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 42 page
background image
6.7 Typical Characteristics (continued)
at TA = 25°C, VS = ±15 V, RL = 2 kΩ, and VCM = VS/2 (unless otherwise noted)
Frequency (Hz)
-200
-180
-160
-140
-120
-100
-80
-60
-40
-20
0
1k
10k
80k
D143
G = 1, VOUT = 3 VRMS
RL = 2 kΩ
Bandwidth = 80 kHz
Figure 6-13. FFT, 10-kHz Sine Wave
Frequency (Hz)
-200
-180
-160
-140
-120
-100
-80
-60
-40
-20
0
20k
40k
60k
80k
0
D143
VOUT = 3 VRMS
RL = 2 kΩ
Bandwidth = 80 kHz
Figure 6-14. FFT, CCIF Input (19 kHz + 20 kHz)
Frequency (Hz)
-180
-160
-140
-120
-100
-80
-60
1k
10k
100k
1M
10M
D114
VOUT = 3 VRMS
G = 1
Figure 6-15. Channel Separation vs Frequency
Frequency (Hz)
0
20
40
60
80
100
120
140
160
1
10
100
1k
10k
100k
1M
10M
D107
PSRR
PSRR
CMRR
Figure 6-16. CMRR and PSRR vs Frequency (Referred to Input)
Temperature (qC)
-40
-25
-10
5
20
35
50
65
80
95
110 125
143
144
145
146
147
D028
Figure 6-17. Power Supply Rejection Ratio vs Temperature
(Referred to Input)
Temperature (qC)
-40
-25
-10
5
20
35
50
65
80
95
110 125
122
123
124
125
126
D027
Figure 6-18. Common Mode Rejection Ratio vs Temperature
(Referred to Input)
OPA1655, OPA1656
SBOS901C – MARCH 2019 – REVISED SEPTEMBER 2022
www.ti.com
10
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: OPA1655 OPA1656



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com