Electronic Components Datasheet Search
  English  ▼

X  

OPA1655DBVT Datasheet(PDF) 9 Page - Texas Instruments

Part # OPA1655DBVT
Description  OPA165x Ultra-Low-Noise, Low-Distortion, FET-Input, Burr-Brown™ Audio Operational Amplifiers
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA1655DBVT Datasheet(HTML) 9 Page - Texas Instruments

Back Button OPA1655DBVT Datasheet HTML 5Page - Texas Instruments OPA1655DBVT Datasheet HTML 6Page - Texas Instruments OPA1655DBVT Datasheet HTML 7Page - Texas Instruments OPA1655DBVT Datasheet HTML 8Page - Texas Instruments OPA1655DBVT Datasheet HTML 9Page - Texas Instruments OPA1655DBVT Datasheet HTML 10Page - Texas Instruments OPA1655DBVT Datasheet HTML 11Page - Texas Instruments OPA1655DBVT Datasheet HTML 12Page - Texas Instruments OPA1655DBVT Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 42 page
background image
6.7 Typical Characteristics (continued)
at TA = 25°C, VS = ±15 V, RL = 2 kΩ, and VCM = VS/2 (unless otherwise noted)
Frequency (Hz)
20
100
1k
10k
20k
-140
-120
-100
-80
0.01
0.001
0.0001
0.00001
D109
G = 1, 600 : Load
G = 1, 2k : Load
G = 1, 10k : Load
G = 1, 600 : Load
G = 1, 2k : Load
G = 1, 10k : Load
VOUT = 3 VRMS
Bandwidth = 80 kHz
Figure 6-7. THD+N Ratio vs Frequency
Output Amplitude (VRMS)
1E-5
0.0001
0.001
0.01
0.1
1
100m
1
10
-140
-120
-100
-80
-60
-40
D110
G = 1, 600 : Load
G = 1, 2k : Load
G = 1, 10k : Load
G = 1, 600 : Load
G = 1, 2k : Load
G = 1, 10k : Load
f = 1 kHz
Bandwidth = 80 kHz
Figure 6-8. THD+N Ratio vs Output Amplitude
Frequency (Hz)
1E-8
2E-8
5E-8
1E-7
2E-7
5E-7
1E-6
2E-6
5E-6
1E-5
2E-5
5E-5
0.0001
0.0002
0.0005
0.001
100
1k
10k
-140
-120
-100
-160
-180
-200
20
20k
D111
G = 1, HD2
G = 1, HD3
G = 1, HD4
G = 1, HD5
G = 1, HD2
G = 1, HD3
G = 1, HD4
G = 1, HD5
VOUT = 3 VRMS
Bandwidth = 80 kHz
Figure 6-9. Individual Harmonic Amplitude vs Frequency
VS (V)
2E-5
2E-5
3E-5
5E-5
7E-5
0.0001
0.0002
0.0003
0.0005
0.0007
0.001
0.002
0.003
0.005
0.005
r5
r10
r18
-120
-100
D141
G = 1, VIN = 1 VPP (0.354 VRMS)
G = 1, VIN = 5 VPP (1.768 VRMS)
G = +1, VIN = 1 VPP (0.354 VRMS)
G = +1, VIN = 5 VPP (1.768 VRMS)
f = 1 kHz
RL = 2 kΩ
Bandwidth = 80 kHz
Figure 6-10. THD+N vs Supply Voltage
Output Amplitude (VRMS)
1E-5
0.0001
0.001
0.01
0.1
10m
100m
1
10
-140
-120
-100
-80
-60
D140
CCIF
SMPTE
Bandwidth = 80 kHz
Figure 6-11. Intermodulation Distortion vs Amplitude
Frequency (Hz)
-200
-180
-160
-140
-120
-100
-80
-60
-40
-20
0
20
100
1k
10k
50k
D142
G = 1, VOUT = 3 VRMS
RL = 2 kΩ
Bandwidth = 80 kHz
Figure 6-12. FFT, 1-kHz Sine Wave
www.ti.com
OPA1655, OPA1656
SBOS901C – MARCH 2019 – REVISED SEPTEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: OPA1655 OPA1656



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com