Electronic Components Datasheet Search
  English  ▼

X  

OPA1655DBVT Datasheet(PDF) 12 Page - Texas Instruments

Part # OPA1655DBVT
Description  OPA165x Ultra-Low-Noise, Low-Distortion, FET-Input, Burr-Brown™ Audio Operational Amplifiers
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA1655DBVT Datasheet(HTML) 12 Page - Texas Instruments

Back Button OPA1655DBVT Datasheet HTML 8Page - Texas Instruments OPA1655DBVT Datasheet HTML 9Page - Texas Instruments OPA1655DBVT Datasheet HTML 10Page - Texas Instruments OPA1655DBVT Datasheet HTML 11Page - Texas Instruments OPA1655DBVT Datasheet HTML 12Page - Texas Instruments OPA1655DBVT Datasheet HTML 13Page - Texas Instruments OPA1655DBVT Datasheet HTML 14Page - Texas Instruments OPA1655DBVT Datasheet HTML 15Page - Texas Instruments OPA1655DBVT Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 42 page
background image
6.7 Typical Characteristics (continued)
at TA = 25°C, VS = ±15 V, RL = 2 kΩ, and VCM = VS/2 (unless otherwise noted)
Time (1 Ps/div)
D136
VIN
VOUT
G = 1
RL = 2 kΩ
CL = 100 pF
Figure 6-25. Large-Signal Step Response
Time (1 Ps/div)
D139
VIN
VOUT
G = –1
CL = 100 pF
Figure 6-26. Large-Signal Step Response
Temperature(qC)
-40
-25
-10
5
20
35
50
65
80
95
110 125
144
146
148
150
152
154
156
158
D033
Figure 6-27. Open-Loop Gain vs Temperature
Temperature (qC)
-40
-25
-10
5
20
35
50
65
80
95
110 125
0.001
0.002
0.005
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
10
20
50
100
D024
IB+
IB-
IOS
Figure 6-28. IB and IOS vs Temperature
Input Common-Mode Voltage (V)
-18 -15 -12
-9
-6
-3
0
3
6
9
12
15
18
-30
-20
-10
0
10
20
30
D023
IB-
IB+
IOS
Figure 6-29. IB and IOS vs Common-Mode Voltage
Temperature (qC)
-40
-25
-10
5
20
35
50
65
80
95
110 125
3.6
3.7
3.8
3.9
4
D031
VS = 4.5 V
VS = 36 V
Figure 6-30. Supply Current vs Temperature
OPA1655, OPA1656
SBOS901C – MARCH 2019 – REVISED SEPTEMBER 2022
www.ti.com
12
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: OPA1655 OPA1656



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com