Electronic Components Datasheet Search
  English  ▼

X  

OPA607 Datasheet(PDF) 15 Page - Texas Instruments

Part # OPA607
Description  OPA810 140MHz, Rail-to-Rail Input and Output, FET-Input Operational Amplifier
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA607 Datasheet(HTML) 15 Page - Texas Instruments

Back Button OPA607 Datasheet HTML 11Page - Texas Instruments OPA607 Datasheet HTML 12Page - Texas Instruments OPA607 Datasheet HTML 13Page - Texas Instruments OPA607 Datasheet HTML 14Page - Texas Instruments OPA607 Datasheet HTML 15Page - Texas Instruments OPA607 Datasheet HTML 16Page - Texas Instruments OPA607 Datasheet HTML 17Page - Texas Instruments OPA607 Datasheet HTML 18Page - Texas Instruments OPA607 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 52 page
background image
6.9 Typical Characteristics: VS = 24 V (continued)
at VS+ = 12 V, VS– = –12 V, RL = 1 kΩ, input and output are biased to midsupply, and TA ≈ 25°C. For AC specifications, VO =
2 VPP, G = 2 V/V, RF = 1 kΩ, and CL = 4.7 pF (unless otherwise noted)
Time (100 ns/div)
-0.1
-0.05
0
0.05
0.1
0.15
D078
See Figure 8-1, gain = 1 V/V, RF = 0 Ω, CL = 10 pF
Figure 6-24. Small-Signal Transient Response
Time (100 ns/div)
-6
-4
-2
0
2
4
6
D079
See Figure 8-1, gain = 1 V/V, RF = 0 Ω
Figure 6-25. Large-Signal Transient Response
Time (100 ns/div)
-12
-8
-4
0
4
8
12
D080
VO = 2 VPP
VO = 10 VPP
VO = 20 VPP
See Figure 8-1, gain = 2 V/V
Figure 6-26. Large-Signal Transient Response
Time (50 ns/div)
-6
-4
-2
0
2
4
6
D081
VO = 4 VPP
VO = 10 VPP
See Figure 8-2, gain = –1 V/V
Figure 6-27. Large-Signal Transient Response
Load Capacitance (pF)
5
10
15
20
25
30
35
40
45
50
55
60
0
5
10
15
20
25
D082
Overshoot, VO = 2 VPP
Undershoot, VO = 2 VPP
Overshoot, VO = 200 mVPP
Undershoot, VO = 200 mVPP
See Figure 8-1, gain = 1 V/V, RF = 0 Ω
Figure 6-28. Overshoot and Undershoot vs CL
Time (nsec)
-15
-12
-9
-6
-3
0
3
6
9
12
15
0
200
400
600
800
D083
VIN
VOUT
See Figure 8-1, gain = 1 V/V, RF = 0 Ω
Figure 6-29. Input Overdrive Recovery
www.ti.com
OPA810
SBOS799E – AUGUST 2019 – REVISED AUGUST 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
15
Product Folder Links: OPA810



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com