Electronic Components Datasheet Search
  English  ▼

X  

OPA607 Datasheet(PDF) 34 Page - Texas Instruments

Part # OPA607
Description  OPA810 140MHz, Rail-to-Rail Input and Output, FET-Input Operational Amplifier
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA607 Datasheet(HTML) 34 Page - Texas Instruments

Back Button OPA607 Datasheet HTML 30Page - Texas Instruments OPA607 Datasheet HTML 31Page - Texas Instruments OPA607 Datasheet HTML 32Page - Texas Instruments OPA607 Datasheet HTML 33Page - Texas Instruments OPA607 Datasheet HTML 34Page - Texas Instruments OPA607 Datasheet HTML 35Page - Texas Instruments OPA607 Datasheet HTML 36Page - Texas Instruments OPA607 Datasheet HTML 37Page - Texas Instruments OPA607 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 52 page
background image
8.3 Power Supply Recommendations
The OPA810 is intended for operation on supplies ranging from 4.75 V to 27 V. The OPA810 can be operated
on single-sided supplies, split and balanced bipolar supplies, or unbalanced bipolar supplies. Operating from a
single supply can have numerous advantages. With the negative supply at ground, the DC errors resulting from
the –PSRR term can be minimized. Typically, AC performance improves slightly at 10-V operation with minimal
increase in supply current. Minimize the distance (< 0.1 in) from the power-supply pins to high-frequency,
0.01-µF decoupling capacitors. A larger capacitor (2.2 µF typical) is used along with a high-frequency, 0.01-µF,
supply-decoupling capacitor at the device supply pins. For single-supply operation, only the positive supply has
these capacitors. When a split supply is used, use these capacitors from each supply to ground. If necessary,
place the larger capacitors further from the device and share these capacitors among several devices in the
same area of the printed circuit board (PCB). An optional supply decoupling capacitor across the two power
supplies (for split-supply operation) reduces second harmonic distortion.
8.4 Layout
8.4.1 Layout Guidelines
Achieving optimized performance with a high-frequency amplifier such as the OPA810 requires careful attention
to board layout parasitics and external component types. The OPA2810EVM can be used as a reference when
designing the circuit board. Recommendations that optimize performance include:
1. Minimize parasitic capacitance to any ac ground for all signal I/O pins. Parasitic capacitance on the output
and inverting input pins can cause instability—on the noninverting input, this capacitance can react with the
source impedance to cause unintentional band-limiting. To reduce unwanted capacitance, open a window
around the signal I/O pins in all ground and power planes around those pins. Otherwise, ground and power
planes must be unbroken elsewhere on the board.
2. Minimize the distance (< 0.1 in) from the power-supply pins to high-frequency, 0.01-µF decoupling
capacitors. At the device pins, do not allow the ground and power plane layout to be in close proximity
to the signal I/O pins. Avoid narrow power and ground traces to minimize inductance between the pins
and the decoupling capacitors. Always decouple the power-supply connections with these capacitors. Use
larger (2.2-µF to 6.8-µF) decoupling capacitors, effective at lower frequency, on the supply pins. Place these
capacitors somewhat farther from the device and share these capacitors among several devices in the same
area of the PCB.
3. Careful selection and placement of external components preserve the high-frequency performance
of the OPA810. Resistors must be a low reactance type. Surface-mount resistors work best and allow
a tighter overall layout. Metal film and carbon composition axially leaded resistors can also provide good
high-frequency performance. Again, keep the leads and PCB trace length as short as possible. Never use
wirewound type resistors in a high-frequency application. Because the output pin and inverting input pin are
the most sensitive to parasitic capacitance, always position the feedback and series output resistor, if any,
as close as possible to the output pin. Other network components, such as noninverting input termination
resistors, must also be placed close to the package. Even with a low parasitic capacitance shunting the
external resistors, excessively high resistor values can create significant time constants that can degrade
performance. Good axial metal film or surface-mount resistors have approximately 0.2 pF in shunt with the
resistor. For resistor values greater than 10 kΩ, this parasitic capacitance can add a pole or zero close to
the GBWP of 70 MHz and subsequently affects circuit operation. Keep resistor values as low as possible
and consistent with load driving considerations. Lowering the resistor values keeps the resistor noise terms
low, and minimizes the effect of parasitic capacitance, however lower resistor values increase the dynamic
power consumption because RF and RG become part of the amplifiers output load network. Transimpedance
applications (see the Section 8.2.1 section) can use whatever feedback resistor is required by the application
as long as the feedback compensation capacitor is set considering all parasitic capacitance terms on the
inverting node.
OPA810
SBOS799E – AUGUST 2019 – REVISED AUGUST 2024
www.ti.com
34
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: OPA810



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com