Electronic Components Datasheet Search
  English  ▼

X  

OPA607 Datasheet(PDF) 23 Page - Texas Instruments

Part # OPA607
Description  OPA810 140MHz, Rail-to-Rail Input and Output, FET-Input Operational Amplifier
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA607 Datasheet(HTML) 23 Page - Texas Instruments

Back Button OPA607 Datasheet HTML 19Page - Texas Instruments OPA607 Datasheet HTML 20Page - Texas Instruments OPA607 Datasheet HTML 21Page - Texas Instruments OPA607 Datasheet HTML 22Page - Texas Instruments OPA607 Datasheet HTML 23Page - Texas Instruments OPA607 Datasheet HTML 24Page - Texas Instruments OPA607 Datasheet HTML 25Page - Texas Instruments OPA607 Datasheet HTML 26Page - Texas Instruments OPA607 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 52 page
background image
7.3 Feature Description
7.3.1 OPA810 Architecture
The OPA810 features a true high-impedance input stage including a JFET differential-input pair main stage and
a CMOS differential-input auxiliary (aux) stage operational within 2.5 V of the positive supply voltage. The bias
current is limited to a maximum of 20 pA throughout the common-mode input range of the amplifier. Section
7.2 provides a block diagram representation for the input stage of the OPA810. The amplifier exhibits excellent
performance for high-speed signals (distortion, noise, and input offset voltage) while the aux stage enables
rail-to-rail inputs and prevents phase reversal. The device exhibits a CMRR and PSRR of 75 dB (typical) when
the input common-mode is in aux stage.
The OPA810 also includes input clamps that enable the maximum input differential voltage of up to 7 V (lower of
7 V and total supply voltage). This architecture offers significantly greater differential input voltage capability as
compared to one to two times the diode forward voltage drop maximum rating in standard amplifiers, and makes
this device an excellent choice for use with multiplexers and processing of signals with fast transients. The input
bias currents are also clamped to maximum 300 µA, as Figure 6-54 shows, which does not load the previous
driver stage or require current-limiting resistors (except limiting current through the input ESD diodes when input
common-mode voltages are greater than the supply voltages). This feature also enables this amplifier to be
used as a comparator in systems that require an amplifier and a comparator for signal gain and fault detection,
respectively. For the lowest offset, distortion, and noise performance, limit the common-mode input voltage to the
main JFET-input stage (greater than 2.5 V away from the positive supply).
The OPA810 is a rail-to-rail output amplifier and swings to either of the rails at the output (see Figure 6-15) for
10-V supply operation. The rail-to-rail output configuration is particularly useful for inputs biased near the rails or
when the amplifier is configured in a closed-loop gain such that the output approaches the supply voltage. When
the output saturates, the output recovers within 55 ns when the inputs exceed the supply voltages by 0.5 V in
an G = –1 V/V inverting gain with a 10–V supply. The outputs are short-circuit protected with the limits of Figure
6-16.
As Figure 7-1 shows, an amplifier phase margin reduces and becomes unstable when driving a capacitive load
(CL) at the output. Using a series resistor (RS) between the amplifier output and load capacitance introduces a
zero that cancels the pole formed by the amplifier output impedance and CL in the open-loop transfer function.
The OPA810 drives capacitive loads of up to 10 pF without causing instability. Use a series resistor for larger
load capacitance values, as Figure 6-3 shows for OPA810 configured as a unity-gain buffer. Figure 6-4 shows
that when used in a gain larger than 1 V/V, the OPA810 is able to drive a load capacitance larger than 10 pF
without the need for a series resistor at the output.
+
RS
R
L
C
L
V
IN
V
O
Figure 7-1. OPA810 Driving Capacitive Load
www.ti.com
OPA810
SBOS799E – AUGUST 2019 – REVISED AUGUST 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
23
Product Folder Links: OPA810



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com