Electronic Components Datasheet Search
  English  ▼

X  

OPA607 Datasheet(PDF) 38 Page - Texas Instruments

Part # OPA607
Description  OPA810 140MHz, Rail-to-Rail Input and Output, FET-Input Operational Amplifier
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA607 Datasheet(HTML) 38 Page - Texas Instruments

Back Button OPA607 Datasheet HTML 34Page - Texas Instruments OPA607 Datasheet HTML 35Page - Texas Instruments OPA607 Datasheet HTML 36Page - Texas Instruments OPA607 Datasheet HTML 37Page - Texas Instruments OPA607 Datasheet HTML 38Page - Texas Instruments OPA607 Datasheet HTML 39Page - Texas Instruments OPA607 Datasheet HTML 40Page - Texas Instruments OPA607 Datasheet HTML 41Page - Texas Instruments OPA607 Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 52 page
background image
10 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision D (August 2020) to Revision E (August 2024)
Page
• Updated Package Information table and added new note 2...............................................................................1
• Updated table note 1 in Absolute Maximum Ratings .........................................................................................4
• Updated CDM specification text in ESD Ratings ...............................................................................................4
• Updated Figure 6-49, Open-Loop Output Impedance vs Frequency, with corrected data............................... 19
Changes from Revision C (July 2020) to Revision D (August 2020)
Page
• Deleted selective disclosure header and added top navigation header to page 1............................................. 1
Changes from Revision B (June 2020) to Revision C (July 2020)
Page
• Changed the status of the DCK package From: Preview To: Production ..........................................................1
Changes from Revision A (December 2019) to Revision B (June 2020)
Page
• Changed the status of the DBV package From: Preview To: Production .......................................................... 1
• Added noise corner information to 10 V, 24 V and 5 V electrical characteristics tables.....................................5
• Changed offset voltage test conditions for 10 V, 24 V and 5 V supplies for SOIC, SOT23 and SC70
packages............................................................................................................................................................ 5
• Updated Figure 62. Noninverting Amplifier ......................................................................................................25
Changes from Revision * (August 2019) to Revision A (December 2019)
Page
• Changed document status From: Advance Information To: Production Data ....................................................1
11 Mechanical, Packaging, and Orderable Information
The following pages include mechanical, packaging, and orderable information. This information is the most
current data available for the designated devices. This data is subject to change without notice and revision of
this document. For browser-based versions of this data sheet, refer to the left-hand navigation.
OPA810
SBOS799E – AUGUST 2019 – REVISED AUGUST 2024
www.ti.com
38
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: OPA810



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com