Electronic Components Datasheet Search
  English  ▼

X  

OPA607 Datasheet(PDF) 35 Page - Texas Instruments

Part # OPA607
Description  OPA810 140MHz, Rail-to-Rail Input and Output, FET-Input Operational Amplifier
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA607 Datasheet(HTML) 35 Page - Texas Instruments

Back Button OPA607 Datasheet HTML 31Page - Texas Instruments OPA607 Datasheet HTML 32Page - Texas Instruments OPA607 Datasheet HTML 33Page - Texas Instruments OPA607 Datasheet HTML 34Page - Texas Instruments OPA607 Datasheet HTML 35Page - Texas Instruments OPA607 Datasheet HTML 36Page - Texas Instruments OPA607 Datasheet HTML 37Page - Texas Instruments OPA607 Datasheet HTML 38Page - Texas Instruments OPA607 Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 52 page
background image
4. Connections to other wideband devices on the board can be made with short direct traces or through
onboard transmission lines. For short connections, consider the trace and the input to the next device as a
lumped capacitive load. Relatively wide traces (50 mils to 100 mils) must be used, preferably with ground
and power planes opened up around them. Estimate the total capacitive load and set RS for sufficient phase
margin and stability. Low parasitic capacitive loads (< 10 pF) do not always require an RS because the
OPA810 is nominally compensated to operate with a 10-pF parasitic load. Higher parasitic capacitive loads
without an RS are allowed with increase in signal gain (increasing the unloaded phase margin). If a long
trace is required, and the 6-dB signal loss intrinsic to a doubly-terminated transmission line is acceptable,
implement a matched impedance transmission line using microstrip or stripline techniques (consult an
ECL design handbook for microstrip and stripline layout techniques). A 50-Ω environment is normally not
necessary onboard, and a higher impedance environment improves distortion. With a characteristic board
trace impedance defined based on board material and trace dimensions, a matching series resistor into
the trace from the output of the OPA810 is used as well as a terminating shunt resistor at the input of the
destination device. Remember also that the terminating impedance is the parallel combination of the shunt
resistor and the input impedance of the destination device—this total effective impedance must be set to
match the trace impedance. If the 6-dB attenuation of a doubly-terminated transmission line is unacceptable,
a long trace can be series-terminated at the source end only. Treat the trace as a capacitive load in this case
and set the series resistor value to obtain sufficient phase margin and stability. This does not preserve signal
integrity as well as a doubly-terminated line. If the input impedance of the destination device is low, the
signal attenuates because of the voltage divider formed by the series output into the terminating impedance.
5. Take care to design the PCB layout for optimized thermal dissipation. For the extreme case of 125°C
operating ambient, using the approximate 134.8°C/W for the SOIC package, and an internal power of
24-V supply × 4.7-mA 125°C supply current gives a maximum internal power dissipation of 113 mW. This
power gives a 15°C increase from ambient to junction temperature. Load power adds to this value and this
dissipation must also be calculated to determine the worst-case safe operating point.
6. Socketing a high-speed device such as the OPA810 is not recommended. The additional lead length
and pin-to-pin capacitance introduced by the socket can create an extremely troublesome parasitic network
that can almost make achieving a smooth, stable frequency response impossible. Best results are obtained
by soldering the OPA810 onto the board.
8.4.1.1 Thermal Considerations
The OPA810 does not require a heat sink or airflow in most applications. Maximum allowed junction temperature
sets the maximum allowed internal power dissipation. Do not allow the maximum junction temperature to exceed
150°C.
Operating junction temperature (TJ) is given by TA + PD × θJA. The total internal power dissipation (PD) is the
sum of quiescent power (PDQ) and additional power dissipated in the output stage (PDL) to deliver load power.
Quiescent power is the specified no-load supply current times the total supply voltage across the part. PDL
depends on the required output signal and load, but for a grounded resistive load, is at a maximum when the
output is fixed at a voltage equal to half of either supply voltage (for equal split-supplies). Under this condition,
PDL = VS 2 / (4 × RL) where RL includes feedback network loading.
The power in the output stage and not into the load that determines internal power dissipation.
As a worst-case example, compute the maximum TJ using a DCK (SC70 package) configured as a unity gain
buffer, operating on ±12-V supplies at an ambient temperature of 25°C and driving a grounded 500-Ω load.
PD = 24 V × 4.7 mA + 122 / (4 × 500 Ω) = 184.8 mW
Maximum TJ = 25°C + (0.185 W × 190.8°C/W) = 60°C, which is much less than the maximum allowed junction
temperature of 150°C.
www.ti.com
OPA810
SBOS799E – AUGUST 2019 – REVISED AUGUST 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
35
Product Folder Links: OPA810



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com