Electronic Components Datasheet Search
  English  ▼

X  

OPA830 Datasheet(PDF) 28 Page - Texas Instruments

Part # OPA830
Description  OPAx835 Ultra-Low-Power, Rail-to-Rail Out, Negative Rail In, VFB Op Amp
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA830 Datasheet(HTML) 28 Page - Texas Instruments

Back Button OPA830 Datasheet HTML 24Page - Texas Instruments OPA830 Datasheet HTML 25Page - Texas Instruments OPA830 Datasheet HTML 26Page - Texas Instruments OPA830 Datasheet HTML 27Page - Texas Instruments OPA830 Datasheet HTML 28Page - Texas Instruments OPA830 Datasheet HTML 29Page - Texas Instruments OPA830 Datasheet HTML 30Page - Texas Instruments OPA830 Datasheet HTML 31Page - Texas Instruments OPA830 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 63 page
background image
OPA 835
VOUT
Signal and bias to
next stage
Signal and bias
from previous stage
C
R1
RO
RF
RG
VSIG
GVSIG
5 V
5 V
2.5 V
REF
2.5 V
2.5 V
Figure 8-10. Inverting Single Supply With Reference
Figure 8-11 shows a similar inverting single-supply scenario with the reference generator replaced by the
Thevenin equivalent using resistors and the positive supply. R1 and R2 form a resistor divider from the 5-V
supply and are used to bias the positive side. To cancel the voltage offset that would otherwise be caused by the
input bias currents, set the parallel sum of R1 and R2 equal to the parallel sum of RF and RG. C must be added
to limit coupling of noise into the positive input. For example, if gain of –2 is required and RF = 2 kΩ, select RG =
1 kΩ to set the gain. R1 = R2 = 667 Ω for mid-supply voltage bias and for op-amp input-bias current cancellation.
A good value for C is 0.1 µF. The resistor divider costs less than the 2.5-V reference in Figure 8-10 but may
increase the current from the 5-V supply.
OPA 835
Signal and bias to
next stage
Signal and bias
from previous stage
C
5 V
2.5 V
R1
R2
5 V
RO
VOUT
RG
RF
VSIG
GVSIG
2.5 V
Figure 8-11. Inverting Single Supply With Resistors
OPA835, OPA2835
SLOS713J – JANUARY 2011 – REVISED MARCH 2021
www.ti.com
28
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: OPA835 OPA2835



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com