Electronic Components Datasheet Search
  English  ▼

X  

OPA830 Datasheet(PDF) 36 Page - Texas Instruments

Part # OPA830
Description  OPAx835 Ultra-Low-Power, Rail-to-Rail Out, Negative Rail In, VFB Op Amp
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA830 Datasheet(HTML) 36 Page - Texas Instruments

Back Button OPA830 Datasheet HTML 32Page - Texas Instruments OPA830 Datasheet HTML 33Page - Texas Instruments OPA830 Datasheet HTML 34Page - Texas Instruments OPA830 Datasheet HTML 35Page - Texas Instruments OPA830 Datasheet HTML 36Page - Texas Instruments OPA830 Datasheet HTML 37Page - Texas Instruments OPA830 Datasheet HTML 38Page - Texas Instruments OPA830 Datasheet HTML 39Page - Texas Instruments OPA830 Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 63 page
background image
Figure 9-11 shows the test circuit used for the audio-frequency performance application.
OPA 835
10 W
100 pF
V
From AP
IN
+2.5 V
-2.5 V
V
To AP
OUT
The 100-pF capacitor to ground on the input helped to decouple noise pick up in the lab and improved noise performance.
Figure 9-11. OPA835 Audio Precision Analyzer Test Circuit
9.2.1.1 Design Requirements
Design a low distortion, single-ended input to single-ended output audio amplifier using the OPA835 device. The
2700 series audio analyzer from Audio Precision is the signal source and the measurement system.
Table 9-4. Design Requirements
CONFIGURATION
INPUT
EXCITATION
PERFORMANCE
TARGET
RLOAD
OPA835 Unity Gain Config.
1 KHz Tone Frequency
> 110 dBc SFDR
300 Ω and
100 KΩ
9.2.1.2 Detailed Design Procedure
The OPA835 device is tested in this application in a unity-gain buffer configuration. A buffer configuration is
selected as the configuration maximizes the loop gain of the amplifier configuration. At higher closed-loop gains,
the loop gain of the circuit reduces, which results in degraded harmonic distortion. The relationship between
distortion and closed loop gain at a fixed input frequency can be seen in Figure 7-36 in Section 7.9. The test was
performed under varying output-load conditions using a resistive load of 300 Ω and 100 KΩ. Figure 7-34 shows
the distortion performance of the amplifier versus the output resistive load. Output loading, output swing, and
closed-loop gain play a key role in determining the distortion performance of the amplifier.
Note
The 100-pF capacitor to ground on the input helped to decouple noise pickup in the lab and improved
noise performance.
The Audio Precision was configured as a single-ended output in this application circuit. In applications where a
differential output is available, the OPA835 device can be configured as a differential to single-ended amplifier
as shown in Figure 9-4. Power supply bypassing is critical to reject noise from the power supplies. A 2.2-μF
power-supply decoupling capacitor must be placed within two inches of the device and can be shared with other
op amps on the same board. A 0.1-μF decoupling capacitor must be placed as close to the power supply pins as
possible, preferably within 0.1 inch. For split supply, a capacitor is required for both supplies. A 0.1-µF capacitor
placed directly between the supplies is also beneficial for improving system noise performance. If the output load
is heavy, from 16 Ω to 32 Ω, amplifier performance could begin to degrade. To drive such heavy loads, both
channels of the OPA2835 device can be paralleled with the outputs isolated with 1-Ω resistors to reduce the
loading effects.
OPA835, OPA2835
SLOS713J – JANUARY 2011 – REVISED MARCH 2021
www.ti.com
36
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: OPA835 OPA2835



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com