Electronic Components Datasheet Search
  English  ▼

X  

OPA830 Datasheet(PDF) 30 Page - Texas Instruments

Part # OPA830
Description  OPAx835 Ultra-Low-Power, Rail-to-Rail Out, Negative Rail In, VFB Op Amp
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA830 Datasheet(HTML) 30 Page - Texas Instruments

Back Button OPA830 Datasheet HTML 26Page - Texas Instruments OPA830 Datasheet HTML 27Page - Texas Instruments OPA830 Datasheet HTML 28Page - Texas Instruments OPA830 Datasheet HTML 29Page - Texas Instruments OPA830 Datasheet HTML 30Page - Texas Instruments OPA830 Datasheet HTML 31Page - Texas Instruments OPA830 Datasheet HTML 32Page - Texas Instruments OPA830 Datasheet HTML 33Page - Texas Instruments OPA830 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 63 page
background image
(
)
F1
F2
IN+
IN
REF
G1
G2
2R
R
V
=
V
V
1 +
+ V
OUT
R
R
-
æ
ö æ
ö
-
´ç
÷ ç
÷
è
ø è
ø
(3)
The signal gain of the circuit is
æ
ö æ
ö
ç
÷ ç
÷
è
ø è
ø
F1
F2
G 1
G2
2R
R
G =
1 +
R
R
. VCM is rejected, and VREF provides a level shift
around which the output signal swings. The single-ended output signal is in-phase with the differential input
signal.
OPA 835
½OPA2835
VIN-
VIN+
VSIG-
VSIG+
VCM
VCM
RG1
RF1
RF1
RG2
RG2
RF2
RF2
VOUT
G[(V
)-(
SIG+
V
)]
SIG-
VREF
VREF
½OPA2835
Figure 9-1. Instrumentation Amplifier
Integrated solutions are available, but the OPA835 device provides a much lower-power, high-frequency
solution. For best CMRR performance, resistors must be matched. A good rule of thumb is CMRR ≈ the resistor
tolerance; so 0.1% tolerance will provide approximately 60-dB CMRR.
9.1.4 Attenuators
The noninverting circuit shown in Figure 8-1 has a minimum gain of 1. To implement attenuation, a resistor
divider can be placed in series with the positive input, and the amplifier set for a gain of 1 by shorting VOUT to
VIN– and removing RG. Because the op amp input is high impedance, the resistor divider sets the attenuation.
The inverting circuit of Figure 8-2 is used as an attenuator by making RG larger than RF. The attenuation is the
resistor ratio. For example, a 10:1 attenuator can be implemented with RF = 2 kΩ and RG = 20 kΩ.
9.1.5 Single-Ended to Differential Amplifier
Figure 9-2 shows an amplifier circuit that converts single-ended signals to differential signals and provides gain
and level shifting. This circuit can convert signals to differential in applications such as driving Cat5 cabling or
driving differential-input SAR and ΔΣ ADCs.
By setting VIN = VREF + VSIG, then the output of the amplifier may be calculated according to Equation 4.
F
IN
REF
IN
REF
OUT+
OUT-
G
R
V
= G x V
+ V
and V
= -G x V
+ V
Where: G = 1 +
R
(4)
The differential-signal gain of the circuit is 2 × G, and VREF provides a reference around which the output signal
swings. The differential output signal is in-phase with the single-ended input signal.
OPA835, OPA2835
SLOS713J – JANUARY 2011 – REVISED MARCH 2021
www.ti.com
30
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: OPA835 OPA2835



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com