Electronic Components Datasheet Search
  English  ▼

X  

OPA830 Datasheet(PDF) 1 Page - Texas Instruments

Part # OPA830
Description  OPAx835 Ultra-Low-Power, Rail-to-Rail Out, Negative Rail In, VFB Op Amp
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA830 Datasheet(HTML) 1 Page - Texas Instruments

  OPA830 Datasheet HTML 1Page - Texas Instruments OPA830 Datasheet HTML 2Page - Texas Instruments OPA830 Datasheet HTML 3Page - Texas Instruments OPA830 Datasheet HTML 4Page - Texas Instruments OPA830 Datasheet HTML 5Page - Texas Instruments OPA830 Datasheet HTML 6Page - Texas Instruments OPA830 Datasheet HTML 7Page - Texas Instruments OPA830 Datasheet HTML 8Page - Texas Instruments OPA830 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 63 page
background image
OPAx835 Ultra-Low-Power, Rail-to-Rail Out, Negative Rail In, VFB Op Amp
1 Features
• Ultra-Low Power
– Supply Voltage: 2.5 V to 5.5 V
– Quiescent Current: 250 µA/ch (Typical)
– Power Down Mode: 0.5 µA (Typical)
• Bandwidth: 56 MHz (AV = 1 V/V)
• Slew Rate: 160 V/µs
• Rise Time: 10 ns (2 VSTEP)
• Settling Time (0.1%): 55 ns (2 VSTEP)
• Overdrive Recovery Time: 200 ns
• SNR: 0.00015% (–116.4 dBc) at 1 kHz (1 VRMS)
• THD: 0.00003% (–130 dBc) at 1 kHz (1 VRMS)
• HD2/HD3: –70 dBc/–73 dBc at 1 MHz (2 VPP)
• Input Voltage Noise: 9.3 nV/√ Hz (f = 100 kHz)
• Input Offset Voltage: 100 µV (±500-µV Maximum)
• CMRR: 113 dB
• Output Current Drive: 40 mA
• RRO: Rail-to-Rail Output
• Input Voltage Range: –0.2 V to 3.9 V
(5-V Supply)
• Operating Temperature Range:
–40°C to +125°C
2 Applications
• Low-Power Signal Conditioning
• Audio ADC Input Buffer
• Low-Power SAR and ΔΣ ADC Driver
• Portable Systems
• Low-Power Systems
• High-Density Systems
• Ultrasonic Flow Meter
-140
-130
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
10k
100k
1M
10M
f - Frequency - Hz
V = 5 V,
G = 1,
V
= 2 Vpp,
R = 0
,
R = 2 k
S
OUT
F
L
W
W
HD3
HD2
Harmonic Distortion vs Frequency
3 Description
The OPA835 and OPA2835 devices (OPAx835)
are single and dual ultra-low-power, rail-to-rail
output, negative-rail input, voltage-feedback (VFB)
operational amplifiers designed to operate over a
power supply range of 2.5-V to 5.5-V with a single
supply, or ±1.25-V to ±2.75-V with a dual supply.
Consuming only 250 µA per channel and with a unity
gain bandwidth of 56 MHz, these amplifiers set an
industry-leading performance-to-power ratio for rail-to-
rail amplifiers.
For battery-powered, portable applications where
power is of key importance, the low power
consumption and high-frequency performance of the
OPA835 and OPA2835 devices offers performance
versus power that is not attainable in other devices.
Coupled with a power-savings mode to reduce current
to < 1.5 μA, these devices offer an attractive solution
for high-frequency amplifiers in battery-powered
applications.
The OPA835 RUN package option includes integrated
gain-setting resistors for the smallest possible
footprint on a printed-circuit-board (approximately
2.00 mm × 2.00 mm). By adding circuit traces on the
PCB, gains of +1, –1, –1.33, +2, +2.33, –3, +4, –4,
+5, –5.33, +6.33, –7, +8 and inverting attenuations
of –0.1429, –0.1875, –0.25, –0.33, –0.75 can be
achieved. See Table 9-1 and Table 9-2 for details.
The OPA835 and OPA2835 devices are characterized
for operation over the extended industrial temperature
range of –40°C to +125°C.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
OPA835
SOT-23 (6)
2.90 mm × 1.60 mm
QFN (10)
2.00 mm × 2.00 mm
OPA2835
SOIC (8)
4.90 mm × 3.91 mm
VSSOP (10)
3.00 mm × 3.00 mm
UQFN (10)
2.00 mm × 2.00 mm
QFN (10)
2.00 mm × 2.00 mm
(1)
See the package option addendum at the end of the data
sheet for all available packages.
OPA835, OPA2835
SLOS713J – JANUARY 2011 – REVISED MARCH 2021
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - OPA830

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA830 BURR-BROWN-OPA830 Datasheet
460Kb / 31P
Low-Power, Single-Supply, Wideband Operational Amplifier
OPA830 BURR-BROWN-OPA830 Datasheet
609Kb / 32P
Triple, Low-Power, High-Speed, Fixed-Gain Operational Amplifier
logo
Texas Instruments
OPA830 TI-OPA830 Datasheet
633Kb / 34P
Low-Power, Single-Supply, Wideband Operational Amplifier
OPA830 TI-OPA830 Datasheet
682Kb / 35P
Low-Power, Single-Supply, Wideband Operational Amplifier
OPA830 TI-OPA830 Datasheet
1Mb / 45P
Quad, Low-Power, Single-Supply, Wideband Operational Amplifier
More results

Similar Description - OPA830

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA835 TI1-OPA835 Datasheet
1Mb / 43P
Ultra Low-Power, Rail-to-Rail Out, Negative Rail In, VFB Op Amp
MAY2011
OPA835_1110 TI1-OPA835_1110 Datasheet
1Mb / 49P
Ultra Low-Power, Rail-to-Rail Out, Negative Rail In, VFB Op Amp
OCTOBER2011
OPA836 TI1-OPA836 Datasheet
1Mb / 49P
Very Low-Power, Rail-to-Rail Out, Negative Rail In, VFB Op Amp
OCTOBER2011
OPA835 TI1-OPA835_12 Datasheet
1Mb / 51P
Ultra Low-Power, Rail-to-Rail Out, Negative Rail In, VFB Op Amp
logo
National Semiconductor ...
OPA2835 NSC-OPA2835 Datasheet
2Mb / 53P
Ultra Low-Power, Rail-to-Rail Out, Negative Rail In, VFB Op Amp
logo
Texas Instruments
OPA836 TI1-OPA836_14 Datasheet
2Mb / 54P
Very Low-Power, Rail-to-Rail Out, Negative Rail In, VFB Op Amp
OPA2835-DIE TI1-OPA2835-DIE Datasheet
107Kb / 5P
ULTRA LOW-POWER, RAIL-TO-RAIL OUT, NEGATIVE RAIL IN, VFB OP AMP
OPA835 TI-OPA835_15 Datasheet
1Mb / 57P
OPAx835 Ultralow-Power, Rail-to-Rail Out, Negative Rail In, VFB Op Amp
OPA835 TI1-OPA835_16 Datasheet
2Mb / 57P
Ultralow-Power, Rail-to-Rail Out, Negative Rail In, VFB Op Amp
TLV197-Q1 TI1-TLV197-Q1 Datasheet
2Mb / 39P
TLVx197-Q1 Automotive, High-Voltage, Precision, Rail-to-Rail In, Rail-to-Rail Out Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com