Electronic Components Datasheet Search
  English  ▼

X  

OPA830 Datasheet(PDF) 35 Page - Texas Instruments

Part # OPA830
Description  OPAx835 Ultra-Low-Power, Rail-to-Rail Out, Negative Rail In, VFB Op Amp
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA830 Datasheet(HTML) 35 Page - Texas Instruments

Back Button OPA830 Datasheet HTML 31Page - Texas Instruments OPA830 Datasheet HTML 32Page - Texas Instruments OPA830 Datasheet HTML 33Page - Texas Instruments OPA830 Datasheet HTML 34Page - Texas Instruments OPA830 Datasheet HTML 35Page - Texas Instruments OPA830 Datasheet HTML 36Page - Texas Instruments OPA830 Datasheet HTML 37Page - Texas Instruments OPA830 Datasheet HTML 38Page - Texas Instruments OPA830 Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 63 page
background image
2.7V
ADS 8326
+In
-In
100
2.2 nF
2k
2 k
VIN
OPA835
VS-
2 k
4.02 k
4.02 k
2.5 V
5 V
VS+
VDD
REF
2.7 V
0 V
VSIG
1.35 V
VSIG
Figure 9-9. OPA835 and ADS8326 Test Circuit
-140
-120
-100
-80
-60
-40
-20
0
0
20
40
60
80
100
120
f - Frequency - Hz
Figure 9-10. ADS8326 and OPA835 10-kHz FFT
Table 9-3. AC Analysis
TONE (Hz)
SIGNAL (dBFS)
SNR (dBc)
THD (dBc)
SINAD (dBc)
SFDR (dBc)
10k
–0.85
81.9
–87.5
80.8
89.9
9.2 Typical Application
9.2.1 Audio Frequency Performance
The OPA835 and OPA2835 devices provide excellent audio performance with low quiescent power. To show
performance in the audio band, an audio analyzer from Audio Precision (2700 series) tests THD+N and FFT at 1
VRMS output voltage.
www.ti.com
OPA835, OPA2835
SLOS713J – JANUARY 2011 – REVISED MARCH 2021
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
35
Product Folder Links: OPA835 OPA2835



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com