Electronic Components Datasheet Search
  English  ▼

X  

OPA855 Datasheet(PDF) 15 Page - Texas Instruments

Part # OPA855
Description  OPA859 1.8GHz Unity-Gain Bandwidth, 3.3nV/√Hz, FET Input Amplifier
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA855 Datasheet(HTML) 15 Page - Texas Instruments

Back Button OPA855 Datasheet HTML 11Page - Texas Instruments OPA855 Datasheet HTML 12Page - Texas Instruments OPA855 Datasheet HTML 13Page - Texas Instruments OPA855 Datasheet HTML 14Page - Texas Instruments OPA855 Datasheet HTML 15Page - Texas Instruments OPA855 Datasheet HTML 16Page - Texas Instruments OPA855 Datasheet HTML 17Page - Texas Instruments OPA855 Datasheet HTML 18Page - Texas Instruments OPA855 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 36 page
background image
7 Parameter Measurement Information
The various test setup configurations for the OPA859 are shown in the following figures. When configuring the
OPA859 as a noninverting amplifier in gains less than 3 V/V, set RF = 150 Ω. When configuring the OPA859 as a
noninverting amplifier in gains of 4 V/V and greater, set RF = 453 Ω.
+
±
2.5 V
í2.5 V
50-
Source
50
GND
50-
Measurement
System
50
50
GND
169
71.5
GND
Figure 7-1. Unity-Gain Buffer Configuration
+
±
2.5 V
í2.5 V
50-
Source
GND
50-
Measurement
System
50
50
GND
RF
RG
169
71.5
GND
RG values depend on gain configuration
Figure 7-2. Noninverting Configuration
+
±
2.5 V
í2.5 V
50-
Source
GND
GND
50-
Measurement
System
50
50
GND
150
150
75
169
71.5
GND
Figure 7-3. Inverting Configuration (Gain = –1 V/V)
+
±
2.5 V
í2.5 V
50-
Source
50
GND
RS
50-
Measurement
System
50
50
GND
CL
GND
169
75
GND
Figure 7-4. Capacitive Load Driver Configuration
www.ti.com
OPA859
SBOS852A – SEPTEMBER 2018 – REVISED MAY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
15
Product Folder Links: OPA859



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com