Electronic Components Datasheet Search
  English  ▼

X  

OPA855 Datasheet(PDF) 16 Page - Texas Instruments

Part # OPA855
Description  OPA859 1.8GHz Unity-Gain Bandwidth, 3.3nV/√Hz, FET Input Amplifier
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA855 Datasheet(HTML) 16 Page - Texas Instruments

Back Button OPA855 Datasheet HTML 12Page - Texas Instruments OPA855 Datasheet HTML 13Page - Texas Instruments OPA855 Datasheet HTML 14Page - Texas Instruments OPA855 Datasheet HTML 15Page - Texas Instruments OPA855 Datasheet HTML 16Page - Texas Instruments OPA855 Datasheet HTML 17Page - Texas Instruments OPA855 Datasheet HTML 18Page - Texas Instruments OPA855 Datasheet HTML 19Page - Texas Instruments OPA855 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 36 page
background image
8 Detailed Description
8.1 Overview
The ultra-wide, 900-MHz gain bandwidth product (GBWP) of the OPA859, combined with the broadband voltage
noise of 3.3 nV/√Hz, produces a viable amplifier for wideband transimpedance applications, high-speed data
acquisition systems, and applications with weak signal inputs that require low-noise and high-gain front ends.
The OPA859 combines multiple features to optimize dynamic performance. In addition to the wide small-signal
bandwidth, the OPA859 has 400 MHz of large-signal bandwidth (VOUT = 2 VPP), and a slew rate of 1150 V/µs.
8.2 Functional Block Diagram
The OPA859 is a classic voltage-feedback operational amplifier (op amp) with two high-impedance inputs and a
low-impedance output. Standard application circuits are supported, such as the two basic options in Figure 8-1
and Figure 8-2. The dc operating point for each configuration is level-shifted by the reference voltage (VREF),
which is typically set to midsupply in single-supply operation. VREF is typically connected to ground in split-supply
applications.
+
±
VIN
RG
VREF
VREF
RF
VSIG
VREF
(1 + RF / RG) × VSIG
VOUT
VS+
VS±
Figure 8-1. Noninverting Amplifier
+
±
VIN
RG
VREF
VREF
RF
VSIG
VREF
±(RF / RG) × VSIG
VOUT
VS+
VS±
Figure 8-2. Inverting Amplifier
OPA859
SBOS852A – SEPTEMBER 2018 – REVISED MAY 2025
www.ti.com
16
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: OPA859



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com