Electronic Components Datasheet Search
  English  ▼

X  

OPA855 Datasheet(PDF) 7 Page - Texas Instruments

Part # OPA855
Description  OPA859 1.8GHz Unity-Gain Bandwidth, 3.3nV/√Hz, FET Input Amplifier
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA855 Datasheet(HTML) 7 Page - Texas Instruments

Back Button OPA855 Datasheet HTML 3Page - Texas Instruments OPA855 Datasheet HTML 4Page - Texas Instruments OPA855 Datasheet HTML 5Page - Texas Instruments OPA855 Datasheet HTML 6Page - Texas Instruments OPA855 Datasheet HTML 7Page - Texas Instruments OPA855 Datasheet HTML 8Page - Texas Instruments OPA855 Datasheet HTML 9Page - Texas Instruments OPA855 Datasheet HTML 10Page - Texas Instruments OPA855 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
6.5 Electrical Characteristics (continued)
VS+ = 5 V, VS- = 0 V, input common-mode biased at midsupply, unity gain configuration, RL = 200 Ω, output load is referenced
to midsupply, and TA ≈ +25℃ (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OUTPUT
VOH
Output voltage (high)
VS+ = 3.3 V, TA = 25°C
2.3
2.4
V
TA = 25°C
3.95
4.1
TA = –40°C to +125°C
3.9
VOL
Output voltage (low)
VS+ = 3.3 V, TA = 25°C
1.05
1.15
V
TA = 25°C
1.1
1.15
TA = –40°C to +125°C
1.2
IO_LIN
Linear output drive (sink and source)(1)
RL = 10 Ω, AOL > 52 dB
65
76
mA
TA = –40°C to +125°C, RL = 10 Ω,
AOL > 52 dB
64
ISC
Output short-circuit current(1)
85
105
mA
POWER SUPPLY
IQ
Quiescent current
VS+ = 5 V
18
20.5
24
mA
VS+ = 3.3 V
17.5
20
23.5
VS+ = 5.25 V
18
21
24
TA = 125°C
24.5
TA = –40°C
18.5
PSRR+
Positive power-supply rejection ratio(1)
66
74
dB
PSRR–
Negative power-supply rejection ratio(1)
64
72
POWER DOWN
Disable voltage threshold
Amplifier off when < this voltage
0.65
1
V
Enable voltage threshold
Amplifier on when > this voltage
1.5
1.8
V
Power-down quiescent current
70
140
µA
PD bias current
70
200
µA
Turn-on time delay
Time to VOUT = 90% of final value
25
ns
Turn-off time delay
120
ns
(1)
MIN and MAX limits do not apply for bare die.
www.ti.com
OPA859
SBOS852A – SEPTEMBER 2018 – REVISED MAY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: OPA859



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com