Electronic Components Datasheet Search
  English  ▼

X  

PCF8574 Datasheet(PDF) 18 Page - Texas Instruments

Part # PCF8574
Description  PCF8574 Remote 8-Bit I/O Expander for I2C Bus
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCF8574 Datasheet(HTML) 18 Page - Texas Instruments

Back Button PCF8574 Datasheet HTML 14Page - Texas Instruments PCF8574 Datasheet HTML 15Page - Texas Instruments PCF8574 Datasheet HTML 16Page - Texas Instruments PCF8574 Datasheet HTML 17Page - Texas Instruments PCF8574 Datasheet HTML 18Page - Texas Instruments PCF8574 Datasheet HTML 19Page - Texas Instruments PCF8574 Datasheet HTML 20Page - Texas Instruments PCF8574 Datasheet HTML 21Page - Texas Instruments PCF8574 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 42 page
background image
8.2.2 Detailed Design Procedure
The pull-up resistors, RP, for the SCL and SDA lines need to be selected appropriately and take into
consideration the total capacitance of all targets on the I2C bus. The minimum pull-up resistance is a function of
VCC, VOL,(max), and IOL:
CC
OL(max)
p(min)
OL
V
V
R
I
-
=
(1)
The maximum pull-up resistance is a function of the maximum rise time, tr (300 ns for fast-mode operation, fSCL
= 400 kHz) and bus capacitance, Cb:
r
p(max)
b
R
0.8473 C
t
=
´
(2)
The maximum bus capacitance for an I2C bus must not exceed 400 pF for standard-mode or fast-mode
operation. The bus capacitance can be approximated by adding the capacitance of the PCF8574 device, Ci
for SCL or Cio for SDA, the capacitance of wires/connections/traces, and the capacitance of additional targets on
the bus.
8.2.3 Application Curves
Cb (pF)
0
50
100
150
200
250
300
350
400
450
0
5
10
15
20
25
D008
Standard-mode
Fast-mode
Standard-mode (fSCL= 100
kHz, tr = 1 µs)
Fast-mode (fSCL= 400 kHz, tr=
300 ns)
Figure 8-4. Maximum Pull-Up resistance (Rp(max))
vs Bus Capacitance (Cb)
VCC (V)
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
D009
VCC > 2V
VCC <= 2
VOL = 0.2*VCC, IOL = 2 mA when VCC ≤ 2 V
VOL = 0.4 V, IOL = 3 mA when VCC > 2 V
Figure 8-5. Minimum Pull-Up Resistance (Rp(min))
vs Pull-Up Reference Voltage (VCC)
8.3 Power Supply Recommendations
8.3.1 Power-On Reset Requirements
In the event of a glitch or data corruption, the PCF8574 device can be reset to its default conditions by using the
power-on reset feature. Power-on reset requires that the device go through a power cycle to be completely reset.
This reset also happens when the device is powered on for the first time in an application.
The two types of power-on reset are shown in Figure 8-6 and Figure 8-7.
PCF8574
SCPS068K – JULY 2001 – REVISED SEPTEMBER 2024
www.ti.com
18
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: PCF8574



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com