Electronic Components Datasheet Search
  English  ▼

X  

PCF8574 Datasheet(PDF) 1 Page - Texas Instruments

Part # PCF8574
Description  PCF8574 Remote 8-Bit I/O Expander for I2C Bus
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCF8574 Datasheet(HTML) 1 Page - Texas Instruments

  PCF8574 Datasheet HTML 1Page - Texas Instruments PCF8574 Datasheet HTML 2Page - Texas Instruments PCF8574 Datasheet HTML 3Page - Texas Instruments PCF8574 Datasheet HTML 4Page - Texas Instruments PCF8574 Datasheet HTML 5Page - Texas Instruments PCF8574 Datasheet HTML 6Page - Texas Instruments PCF8574 Datasheet HTML 7Page - Texas Instruments PCF8574 Datasheet HTML 8Page - Texas Instruments PCF8574 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 42 page
background image
PCF8574 Remote 8-Bit I/O Expander for I2C Bus
1 Features
• Low standby-current consumption of 10μA max
• I2C to parallel-port expander
• Open-drain interrupt output
• Compatible with most microcontrollers
• Latched outputs with high-current drive capability
for directly driving LEDs
• Latch-up performance exceeds 100mA per JESD
78, Class II
2 Applications
• Telecom shelters: filter units
• Servers
• Routers (telecom switching equipment)
• Personal computers
• Personal electronics
• Industrial automation
• Products with GPIO-limited processors
3 Description
This 8-bit input/output (I/O) expander for the two-line
bidirectional bus (I2C) is designed for 2.5V to 6V VCC
operation.
The PCF8574 device provides general-purpose
remote I/O expansion for most microcontroller families
by way of the I2C interface [serial clock (SCL), serial
data (SDA)].
The device features an 8-bit quasi-bidirectional I/O
port (P0–P7), including latched outputs with high-
current drive capability for directly driving LEDs. Each
quasi-bidirectional I/O can be used as an input or
output without the use of a data-direction control
signal. At power on, the I/Os are high. In this mode,
only a current source to VCC is active.
Package Information
PART NUMBER
PACKAGE (1)
PACKAGE SIZE(2)
PCF8574
TVSOP (DGV, 20)
5mm × 6.40mm
SOIC (DW, 16)
10.3mm × 10.3mm
PDIP (N, 16)
19.3mm × 9.4mm
TSSOP (PW,20)
6.5mm × 6.4mm
VQFN (RGT, 16)
3mm × 3mm
VQFN (RGY, 20)
4.5mm × 3.5mm
(1)
For more information, see Section 11.
(2)
The package size (length × width) is a nominal value and
includes pins, where applicable.
PCF8574
I2C or SMBus Master
(e.g. Processor)
Peripheral Devices
RESET, ENABLE,
or control inputs
INT or status
outputs
LEDs
SDA
SCL
INT
A0
A1
A2
GND
VCC
P0
P1
P2
P3
P4
P5
P6
P7
Simplified Schematic
PCF8574
SCPS068K – JULY 2001 – REVISED SEPTEMBER 2024
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - PCF8574

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF8574 PHILIPS-PCF8574 Datasheet
156Kb / 24P
Remote 8-bit I/O expander for I2C-bus
1997 Apr 02
logo
Texas Instruments
PCF8574 TI-PCF8574 Datasheet
943Kb / 23P
REMOTE 8-BIT I/O EXPANDER FOR I2C BUS
PCF8574 TI-PCF8574 Datasheet
1Mb / 26P
REMOTE 8-BIT I/O EXPANDER FOR I2C BUS
PCF8574 TI-PCF8574 Datasheet
959Kb / 26P
REMOTE 8-BIT I/O EXPANDER FOR I2C BUS
logo
NXP Semiconductors
PCF8574 PHILIPS-PCF8574 Datasheet
138Kb / 24P
Remote 8-bit I/O expander for I2C-bus
2002 Nov 22
More results

Similar Description - PCF8574

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF8574 PHILIPS-PCF8574 Datasheet
156Kb / 24P
Remote 8-bit I/O expander for I2C-bus
1997 Apr 02
logo
Texas Instruments
PCF8574 TI-PCF8574_07 Datasheet
943Kb / 23P
REMOTE 8-BIT I/O EXPANDER FOR I2C BUS
PCF8574 TI-PCF8574_08 Datasheet
1Mb / 26P
REMOTE 8-BIT I/O EXPANDER FOR I2C BUS
PCF8574A TI-PCF8574A_05 Datasheet
771Kb / 21P
REMOTE 8-BIT I/O EXPANDER FOR I2C BUS
PCF8574 TI-PCF8574_10 Datasheet
959Kb / 26P
REMOTE 8-BIT I/O EXPANDER FOR I2C BUS
PCF8574A TI-PCF8574A_10 Datasheet
683Kb / 21P
REMOTE 8-BIT I/O EXPANDER FOR I2C BUS
logo
NXP Semiconductors
PCF8574 PHILIPS-PCF8574_02 Datasheet
138Kb / 24P
Remote 8-bit I/O expander for I2C-bus
2002 Nov 22
PCF8574PN PHILIPS-PCF8574PN Datasheet
132Kb / 24P
Remote 8-bit I/O expander for I2C-bus
1997 Apr 02
logo
Texas Instruments
PCF8574 TI1-PCF8574_15 Datasheet
1Mb / 36P
Remote 8-Bit I/O Expander for I2C Bus
logo
List of Unclassifed Man...
HLF8574 ETC-HLF8574 Datasheet
1Mb / 12P
Remote 8-bit I/O expander for I2C-bus
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com