Electronic Components Datasheet Search
  English  ▼

X  

PCF8574 Datasheet(PDF) 14 Page - Texas Instruments

Part # PCF8574
Description  PCF8574 Remote 8-Bit I/O Expander for I2C Bus
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCF8574 Datasheet(HTML) 14 Page - Texas Instruments

Back Button PCF8574 Datasheet HTML 10Page - Texas Instruments PCF8574 Datasheet HTML 11Page - Texas Instruments PCF8574 Datasheet HTML 12Page - Texas Instruments PCF8574 Datasheet HTML 13Page - Texas Instruments PCF8574 Datasheet HTML 14Page - Texas Instruments PCF8574 Datasheet HTML 15Page - Texas Instruments PCF8574 Datasheet HTML 16Page - Texas Instruments PCF8574 Datasheet HTML 17Page - Texas Instruments PCF8574 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 42 page
background image
7.3.3 Address Reference
INPUTS
I2C BUS TARGET 8-BIT
READ ADDRESS
I2C BUS TARGET
8-BIT WRITE
ADDRESS
A2
A1
A0
L
L
L
65 (decimal), 41
(hexadecimal)
64 (decimal), 40
(hexadecimal)
L
L
H
67 (decimal), 43
(hexadecimal)
66 (decimal), 42
(hexadecimal)
L
H
L
69 (decimal), 45
(hexadecimal)
68 (decimal), 44
(hexadecimal)
L
H
H
71 (decimal), 47
(hexadecimal)
70 (decimal), 46
(hexadecimal)
H
L
L
73 (decimal), 49
(hexadecimal)
72 (decimal), 48
(hexadecimal)
H
L
H
75 (decimal), 4B
(hexadecimal)
74 (decimal), 4A
(hexadecimal)
H
H
L
77 (decimal), 4D
(hexadecimal)
76 (decimal), 4C
(hexadecimal)
H
H
H
79 (decimal), 4F
(hexadecimal)
78 (decimal), 4E
(hexadecimal)
7.4 Device Functional Modes
Figure 7-3 and Figure 7-4 show the address and timing diagrams for the write and read modes, respectively.
1
2
3
4
5
6
7
8
9
SCL
S
A6
A5
A4
A3
A2
A1
A0
0
A
P7
P6
1
P4
P3
P2
P1
P0
A
P7
P6
0
P4
P3
P2
P0
A
S
A6
A5
A4
A3
A2
A1
A0
0
A
P7
P6
1
P4
P3
P2
P1
P0
A
P7
P6
0
P4
P3
P2
P0
A
respon der address
data 1
data 2
SDA
START condition
R/W
acknowledge
from re spo nder
P5
acknowledge
from re spo nder
P5
acknowledge
from re spo nder
write to port
DATA 1 VA LID
DATA 2 VA LID
tV(Q)
tV(Q)
tV(Q)
data output from port
P5 output voltage
INT
P5 pull-up output curr ent
Itrt(pu)
IOH
td(rst)
1
2
3
4
5
6
7
8
9
SCL
S
A6
A5
A4
A3
A2
A1
A0
0
A
P7
P6
1
P4
P3
P2
P1
P0
A
P7
P6
0
P4
P3
P2
P0
A
respon der address
data 1
data 2
SDA
START condition
R/W
acknowledge
from re spo nder
P5
acknowledge
from re spo nder
P5
acknowledge
from re spo nder
write to port
DATA 1 VA LID
DATA 2 VA LID
tV(Q)
tV(Q)
data output from port
P5 output voltage
INT
P5 pull-up output curr ent
Itrt(pu)
IOH
td(rst)
1
2
3
4
5
6
7
8
9
SCL
S
A6
A5
A4
A3
A2
A1
A0
0
A
P7
P6
1
P4
P3
P2
P1
P0
A
P7
P6
0
P4
P3
P2
P0
A
respon der address
data 1
data 2
SDA
START condition
R/W
acknowledge
from re spo nder
P5
acknowledge
from re spo nder
P5
acknowledge
from re spo nder
write to port
DATA 1 VA LID
DATA 2 VA LID
tV(Q)
tV(Q)
data output from port
P5 output voltage
INT
P5 pull-up output curr ent
Itrt(pu)
IOH
td(rst)
Figure 7-3. Write Mode (Output)
PCF8574
SCPS068K – JULY 2001 – REVISED SEPTEMBER 2024
www.ti.com
14
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: PCF8574



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com