Electronic Components Datasheet Search
  English  ▼

X  

REG710 Datasheet(PDF) 16 Page - Texas Instruments

Part # REG710
Description  REG710xx Buck-Boost Charge Pump with up to 60-mA Output Current
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

REG710 Datasheet(HTML) 16 Page - Texas Instruments

Back Button REG710 Datasheet HTML 12Page - Texas Instruments REG710 Datasheet HTML 13Page - Texas Instruments REG710 Datasheet HTML 14Page - Texas Instruments REG710 Datasheet HTML 15Page - Texas Instruments REG710 Datasheet HTML 16Page - Texas Instruments REG710 Datasheet HTML 17Page - Texas Instruments REG710 Datasheet HTML 18Page - Texas Instruments REG710 Datasheet HTML 19Page - Texas Instruments REG710 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 39 page
background image
LED
LED
I
V
V
R
5
-
=
C
IN
2.2 F
m
C
PUMP
0.22 F
m
3.3Vto
4.2V
C
OUT
2.2 F
m
R
LED
GND
Enable
REG71050
REG710-5
LED
LED
R
R
REG71050, REG71055, REG710
SBAS221H – DECEMBER 2001 – REVISED OCTOBER 2015
www.ti.com
9.3.3 Driving LEDs
Figure 23. REG710 Circuit for Driving LEDs
The REG710 family can be used to drive LEDs. The feed forward voltage of the chosen LED determines the
required output voltage. In this application, the charge pump can drive multiple LEDs up to 60 mA in total.
(2)
16
Submit Documentation Feedback
Copyright © 2001–2015, Texas Instruments Incorporated
Product Folder Links: REG71050 REG71055 REG710



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com