Electronic Components Datasheet Search
  English  ▼

X  

REG710 Datasheet(PDF) 33 Page - Texas Instruments

Part # REG710
Description  REG710xx Buck-Boost Charge Pump with up to 60-mA Output Current
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

REG710 Datasheet(HTML) 33 Page - Texas Instruments

Back Button REG710 Datasheet HTML 29Page - Texas Instruments REG710 Datasheet HTML 30Page - Texas Instruments REG710 Datasheet HTML 31Page - Texas Instruments REG710 Datasheet HTML 32Page - Texas Instruments REG710 Datasheet HTML 33Page - Texas Instruments REG710 Datasheet HTML 34Page - Texas Instruments REG710 Datasheet HTML 35Page - Texas Instruments REG710 Datasheet HTML 36Page - Texas Instruments REG710 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 39 page
background image
www.ti.com
PACKAGE OUTLINE
C
6X
0.35
0.25
1.6 0.1
6X
0.3
0.2
2X
1.3
1 0.1
4X 0.65
0.8
0.7
0.05
0.00
B
2.1
1.9
A
2.1
1.9
(0.2) TYP
WSON - 0.8 mm max height
DRV0006D
PLASTIC SMALL OUTLINE - NO LEAD
4225563/A 12/2019
PIN 1 INDEX AREA
SEATING PLANE
0.08 C
1
3
4
6
(OPTIONAL)
PIN 1 ID
0.1
C A B
0.05
C
THERMAL PAD
EXPOSED
7
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. The package thermal pad must be soldered to the printed circuit board for thermal and mechanical performance.
SCALE 5.500



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com