Electronic Components Datasheet Search
  English  ▼

X  

REG710 Datasheet(PDF) 14 Page - Texas Instruments

Part # REG710
Description  REG710xx Buck-Boost Charge Pump with up to 60-mA Output Current
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

REG710 Datasheet(HTML) 14 Page - Texas Instruments

Back Button REG710 Datasheet HTML 10Page - Texas Instruments REG710 Datasheet HTML 11Page - Texas Instruments REG710 Datasheet HTML 12Page - Texas Instruments REG710 Datasheet HTML 13Page - Texas Instruments REG710 Datasheet HTML 14Page - Texas Instruments REG710 Datasheet HTML 15Page - Texas Instruments REG710 Datasheet HTML 16Page - Texas Instruments REG710 Datasheet HTML 17Page - Texas Instruments REG710 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 39 page
background image
2.2 F
m
C
IN
V
IN
2.2 F
m
2.2 F
m
C
OUT
+
-
0.22 F
m
C
P1
REG710-3.3
REG710-3
REG71050
REG710-5
3.3V
3.0V
5.0V
EN
GND
V
IN
V
OUT
0.22 F
m
C
P2
EN
GND
V
IN
V
OUT
1.8V
REG71050, REG71055, REG710
SBAS221H – DECEMBER 2001 – REVISED OCTOBER 2015
www.ti.com
9.3 System Examples
9.3.1 1.8 V to 5.0 V With 10-mA Output Current
The REG710 family of charge pumps can be cascaded to reach higher output voltages, as shown in Figure 21.
Figure 21. REG710 Circuit for Step-Up Operation From 1.8 V to 5 V With 10-mA Output Current
This application circuits operates from 1.8 V input voltage and generates 5 V output voltage supporting 10 mA
load current.
Higher output voltages can be achieved when two REG710 devices are connected in cascade. When cascading
two devices from the REG710 family, the relationship between output current and input voltage must be taken
into account. (see Electrical Characteristics). In this case, REG710 can deliver a maximum of 10 mA. REG710-
3.3 or REG710-3 can be used. A second charge pump, REG71050 or REG710-5, steps up the voltage from 3 V
or 3.3 V to 5 V. Connect both Enable pins together.
14
Submit Documentation Feedback
Copyright © 2001–2015, Texas Instruments Incorporated
Product Folder Links: REG71050 REG71055 REG710



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com