Electronic Components Datasheet Search
  English  ▼

X  

REG710 Datasheet(PDF) 11 Page - Texas Instruments

Part # REG710
Description  REG710xx Buck-Boost Charge Pump with up to 60-mA Output Current
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

REG710 Datasheet(HTML) 11 Page - Texas Instruments

Back Button REG710 Datasheet HTML 7Page - Texas Instruments REG710 Datasheet HTML 8Page - Texas Instruments REG710 Datasheet HTML 9Page - Texas Instruments REG710 Datasheet HTML 10Page - Texas Instruments REG710 Datasheet HTML 11Page - Texas Instruments REG710 Datasheet HTML 12Page - Texas Instruments REG710 Datasheet HTML 13Page - Texas Instruments REG710 Datasheet HTML 14Page - Texas Instruments REG710 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 39 page
background image
LoadCurrent(mA)
90
80
70
60
50
40
30
1
10
100
0.1
V
=V
IN
OUT
V
IN =1.8V
V
IN =2.2V
LoadCurrent(mA)
90
80
70
60
50
40
30
1
10
100
0.1
V
=VOUT
IN
V
=1.8V
IN
V
=2.2V
IN
V
(V)
IN
90
80
70
60
50
40
30
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
1.5
REG710-5,REG71050
REG71055
REG710-3.3
REG710-3
REG710-2.5
REG710-2.7
LoadCurrent(mA)
90
80
70
60
50
40
30
1
10
100
0.1
V
=V
IN
OUT
V
=2.7V
IN
V
=4.2V
IN
V
=3.6V
IN
V
=3.3V
IN
V
=3V
IN
REG71050, REG71055, REG710
www.ti.com
SBAS221H – DECEMBER 2001 – REVISED OCTOBER 2015
Table 2. Suggested Capacitors
RATED
DIELECTRIC
PACKAGE
WORKING
MANUFACTURER
PART NUMBER
VALUE
TOLERANCE
MATERIAL
SIZE
VOLTAGE
C1206C255K8RAC
2.2
μF
±10%
X7R
1206
10 V
Kemet
C1206C224K8RAC
0.22
μF
±10%
X7R
1206
10 V
ECJ
−2YBOJ225K
2.2
μF
±10%
X5R
805
6.3 V
Panasonic
ECJ
−2VBIC224K
0.22
μF
±10%
X7R
805
16 V
ECJ
−2VBIC104
0.1
μF
±10%
X7R
805
16 V
EMK316BJ225KL
2.2
μF
±10%
X7R
1206
16 V
Taiyo Yuden
TKM316BJ224KF
0.22
μF
±10%
X7R
1206
25 V
9.2.3 Application Curves
REG710-5V,
REG71050
Figure 8. Efficiency vs VIN
Figure 9. Efficiency vs Load Current
REG710-3.3V
REG710-3.3V
Figure 10. Efficiency vs Load Current
Figure 11. Efficiency vs Load Current
Copyright © 2001–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: REG71050 REG71055 REG710



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com