Electronic Components Datasheet Search
  English  ▼

X  

REG710 Datasheet(PDF) 1 Page - Texas Instruments

Part # REG710
Description  REG710xx Buck-Boost Charge Pump with up to 60-mA Output Current
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

REG710 Datasheet(HTML) 1 Page - Texas Instruments

  REG710 Datasheet HTML 1Page - Texas Instruments REG710 Datasheet HTML 2Page - Texas Instruments REG710 Datasheet HTML 3Page - Texas Instruments REG710 Datasheet HTML 4Page - Texas Instruments REG710 Datasheet HTML 5Page - Texas Instruments REG710 Datasheet HTML 6Page - Texas Instruments REG710 Datasheet HTML 7Page - Texas Instruments REG710 Datasheet HTML 8Page - Texas Instruments REG710 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
LoadCurrent(mA)
90
80
70
60
50
40
30
1
10
100
0.1
V
=V
IN
OUT
V
=2.7V
IN
V
=4.2V
IN
V
=3.6V
IN
V
=3.3V
IN
V
=3V
IN
V
IN
Enable
V
OUT
GND
REG710
C
IN
2.2mF
C
OUT
2.2mF
C
PUMP
0.22mF
4
6
3
5
1
2
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
Reference
Design
REG71050, REG71055, REG710
SBAS221H – DECEMBER 2001 – REVISED OCTOBER 2015
REG710xx Buck-Boost Charge Pump with up to 60-mA Output Current
1 Features
3 Description
The REG710 family of devices are switched capacitor
1
•
Wide Input Voltage Range: 1.8 V to 5.5 V
voltage converters that generate regulated, low-ripple
•
Automatic Step-Up and Step-Down Operation
output voltage from an unregulated input voltage. A
•
Low Input Current Ripple
wide input supply voltage from 1.8 V to 5.5 V makes
the REG710 family of devices ideal for a variety of
•
Low Output Voltage Ripple
battery sources, such as single-cell Li-Ion, or 2-cell
•
Minimum Number of External Components—No
and 3-cell nickel-based or alkaline-based chemistries.
Inductors
The input voltage may vary above and below the
•
1-MHz Internal Oscillator Allows Small Capacitors
output voltage and the output remains in regulation.
•
Shutdown Mode
The device works as step-up or step-down converters
•
Thermal and Current Limit Protection
without the need of an inductor, providing low EMI
DC-DC conversion. The high switching frequency
•
Six Fixed Output Voltages Available:
allows the use of small surface-mount capacitors,
–
2.5 V, 2.7 V, 3 V, 3.3 V, 5 V, 5.5 V
saving board space and reducing cost. The REG710
device is thermally protected and current limited,
2 Applications
protecting the load and the regulator during fault
conditions. Typical ground pin current (quiescent
•
White LED Driver
current) is 65
μA with no load, and less than 1 μA in
•
Smart Card Readers
shutdown mode.
•
SIM Cards
•
Handheld devices
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
•
Modems
REG710
SOT-23 (6)
2.90 mm × 1.60 mm
•
PCMCIA Cards
SOT (6)
2.90 mm × 1.60 mm
•
LCD Displays
REG71050
SON (6)
2.00 mm × 2.00 mm
•
Battery Backup Supplies
REG71055
SOT-23 (6)
2.90 mm × 1.60 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
spacing
Typical Operating Circuit
Efficiency vs Load Current
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - REG710

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
REG710 TI-REG710 Datasheet
378Kb / 15P
60MA SWITCHED CAP BUCK/BOOST CONVERTER
logo
Burr-Brown (TI)
REG710 BURR-BROWN-REG710 Datasheet
433Kb / 18P
60mA Switched-Cap BUCK/BOOST CONVERTER
logo
Texas Instruments
REG710 TI-REG710 Datasheet
781Kb / 22P
60mA, 5.0V, Buck/Boost Charge Pump in ThinSOT-23 and ThinQFN
REG710 TI-REG710 Datasheet
777Kb / 22P
60mA, 5.0V, Buck/Boost Charge Pump in ThinSOT-23 and ThinQFN
REG710 TI-REG710 Datasheet
1Mb / 32P
REG710xx Buck-Boost Charge Pump with up to 60-mA Output Current
More results

Similar Description - REG710

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6686 SIPEX-SP6686 Datasheet
261Kb / 13P
400mA Buck/Boost Charge Pump LED Driver
SP7685 SIPEX-SP7685 Datasheet
259Kb / 12P
1.2A Buck/Boost Charge Pump LED Driver
logo
Semtech Corporation
SC630 SEMTECH-SC630 Datasheet
274Kb / 14P
Fixed 3.3V High Output Charge Pump Buck/Boost Regulator
logo
Texas Instruments
REG71055-Q1 TI1-REG71055-Q1 Datasheet
465Kb / 15P
30-mA 5.5-V BOOST CHARGE PUMP
REG710-25 TI-REG710-25_15 Datasheet
1Mb / 32P
REG710xx Buck-Boost Charge Pump with up to 60-mA Output Current
REG71050 TI1-REG71050 Datasheet
1Mb / 32P
Buck-Boost Charge Pump
logo
Exar Corporation
SP6686ER-L-TR EXAR-SP6686ER-L-TR Datasheet
640Kb / 13P
400mA Buck/Boost Charge Pump LED Driver
SP7685ER-L-TR EXAR-SP7685ER-L-TR Datasheet
266Kb / 13P
1.2A Buck/Boost Charge Pump LED Driver
logo
Lowpower Semiconductor ...
LP3367 POWER-LP3367 Datasheet
730Kb / 10P
1A Buck/Boost Charge Pump LED Driver
logo
ON Semiconductor
NCV48920 ONSEMI-NCV48920 Datasheet
236Kb / 18P
Charge Pump Buck/Boost Converter, LDO Regulator, 600 mA/300 mA, Very Low Quiescent Current
July, 2020 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com