Electronic Components Datasheet Search
  English  ▼

X  

ICS9214 Datasheet(PDF) 2 Page - Integrated Circuit Solution Inc

Part # ICS9214
Description  RambusTM XDRTM Clock Generator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc

ICS9214 Datasheet(HTML) 2 Page - Integrated Circuit Solution Inc

  ICS9214 Datasheet HTML 1Page - Integrated Circuit Solution Inc ICS9214 Datasheet HTML 2Page - Integrated Circuit Solution Inc ICS9214 Datasheet HTML 3Page - Integrated Circuit Solution Inc ICS9214 Datasheet HTML 4Page - Integrated Circuit Solution Inc ICS9214 Datasheet HTML 5Page - Integrated Circuit Solution Inc ICS9214 Datasheet HTML 6Page - Integrated Circuit Solution Inc ICS9214 Datasheet HTML 7Page - Integrated Circuit Solution Inc ICS9214 Datasheet HTML 8Page - Integrated Circuit Solution Inc ICS9214 Datasheet HTML 9Page - Integrated Circuit Solution Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
Integrated
Circuit
Systems, Inc.
ICS9214
0809F—11/05/07
Pin Descriptions
PIN #
PIN NAME
PIN TYPE
DESCRIPTION
1
AVDD2.5
PWR
2.5V Analog Power pin for Core PLL
2
AGND
PWR
Analog Ground pin for Core PLL
3IREFY
IN
This pin establishes the reference current for the differential clock
pairs. This pin requires a fixed precision resistor tied to ground in
order to establish the appropriate current.
4
AGND
PWR
Analog Ground pin for Core PLL
5
CLK_INT
IN
"True" reference clock input.
6
CLK_INC
IN
"Complementary" reference clock input.
7
VDD2.5
PWR
Power supply, nominal 2.5V
8
GND
PWR
Ground pin.
9SMBCLK
IN
Clock pin of SMBUS circuitry, 5V tolerant
10
SMBDAT
I/O
Data pin of SMBUS circuitry, 5V tolerant
11
OE
IN
Active high input for enabling outputs.
0 = tri-state outputs, 1= enable outputs
12
SMB_A0
IN
SMBus address bit 0 (LSB)
13
SMB_A1
IN
SMBus address bit 1
14
BYPASS#/PLL
IN
Input to select Bypass(fan-out) or PLL (ZDB) mode
0 = Bypass mode, 1= PLL mode
15
VDD2.5
PWR
Power supply, nominal 2.5V
16
ODCLK_C3
OUT
"Complementary" side of open drain differential clock output. This
open drain output needs an external resistor network..
17
ODCLK_T3
OUT
"True" side of open drain differential clock output. This open drain
output needs an external resistor network..
18
GND
PWR
Ground pin.
19
ODCLK_C2
OUT
"Complementary" side of open drain differential clock output. This
open drain output needs an external resistor network..
20
ODCLK_T2
OUT
"True" side of open drain differential clock output. This open drain
output needs an external resistor network..
21
GND
PWR
Ground pin.
22
VDD2.5
PWR
Power supply, nominal 2.5V
23
ODCLK_C1
OUT
"Complementary" side of open drain differential clock output. This
open drain output needs an external resistor network..
24
ODCLK_T1
OUT
"True" side of open drain differential clock output. This open drain
output needs an external resistor network..
25
GND
PWR
Ground pin.
26
ODCLK_C0
OUT
"Complementary" side of open drain differential clock output. This
open drain output needs an external resistor network..
27
ODCLK_T0
OUT
"True" side of open drain differential clock output. This open drain
output needs an external resistor network..
28
VDD2.5
PWR
Power supply, nominal 2.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com