Electronic Components Datasheet Search
  English  ▼

X  

ICS9214 Datasheet(PDF) 9 Page - Integrated Circuit Solution Inc

Part # ICS9214
Description  RambusTM XDRTM Clock Generator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc

ICS9214 Datasheet(HTML) 9 Page - Integrated Circuit Solution Inc

Back Button ICS9214 Datasheet HTML 5Page - Integrated Circuit Solution Inc ICS9214 Datasheet HTML 6Page - Integrated Circuit Solution Inc ICS9214 Datasheet HTML 7Page - Integrated Circuit Solution Inc ICS9214 Datasheet HTML 8Page - Integrated Circuit Solution Inc ICS9214 Datasheet HTML 9Page - Integrated Circuit Solution Inc ICS9214 Datasheet HTML 10Page - Integrated Circuit Solution Inc ICS9214 Datasheet HTML 11Page - Integrated Circuit Solution Inc ICS9214 Datasheet HTML 12Page - Integrated Circuit Solution Inc ICS9214 Datasheet HTML 13Page - Integrated Circuit Solution Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
Integrated
Circuit
Systems, Inc.
ICS9214
0809F—11/05/07
AC Characteristics-Inputs
TA = 0°C to +85°C; Supply Voltage AVDD2.5, VDD2.5 = 2.5 V +/- 0.125V (unless otherwise stated)
PARAMETER
SYMBOL
CONDITION
MIN
TYP
MAX
UNITS
CLK_INT/CLK_INC cycle
time
1
tCYCLEIN
711
ns
Cycle-to-Cycle Jitter
tcyc-tcyc
2
185
ps
Input clock duty cycle
dtin
over 10,000 cycles
40
60
%
CLK_INT/CLK_INC rise and
fall time
tR, tF
20% to 80% of input
voltage
175
700
ps
Difference between input rise
and fall time on same pin of a
single device
tR-F
20% to 80% of input
voltage
-
150
ps
Spread spectrum modulation
frequency
fINM
3
30
33
kHz
Triangular modulation
0.6
%
Non-triangular modulation
0.54
%
Input clock slew rate
tsl(I)
20% to 80% of input
voltage
14
V/ns
Input Capacitance
5
CINCLK
CLK_INT, CLK_INC
7
pF
Input Capacitance
5
CIN
VI = VDD2.5 or GND
10
pF
CLK_INT cycle time
tCYCLETST
Bypass Mode
4
40
ns
SMBus clock frequency
fSMB
10
100
kHz
Notes:
4. The amount of allowed spreading for non-triangular modulation is determined
by the induced downstream tracking skew.
5. Capacitance measured at f = 1 MHz, DC bias = 0.9V, VAC <100mV.
3. If input modulation is used. Input modulation is not necessary.
mINDEX
3
Spread spectrum modulation
index
1. Measured at (VIH(nom) - VIL(nom))/2 and is the absolute value of the worst case deviation.
2. Measured at crossing points for differential clock input or at VTH for single-ended clock input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com