Electronic Components Datasheet Search
  English  ▼

X  

ICS9214 Datasheet(PDF) 4 Page - Integrated Circuit Solution Inc

Part # ICS9214
Description  RambusTM XDRTM Clock Generator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc

ICS9214 Datasheet(HTML) 4 Page - Integrated Circuit Solution Inc

  ICS9214 Datasheet HTML 1Page - Integrated Circuit Solution Inc ICS9214 Datasheet HTML 2Page - Integrated Circuit Solution Inc ICS9214 Datasheet HTML 3Page - Integrated Circuit Solution Inc ICS9214 Datasheet HTML 4Page - Integrated Circuit Solution Inc ICS9214 Datasheet HTML 5Page - Integrated Circuit Solution Inc ICS9214 Datasheet HTML 6Page - Integrated Circuit Solution Inc ICS9214 Datasheet HTML 7Page - Integrated Circuit Solution Inc ICS9214 Datasheet HTML 8Page - Integrated Circuit Solution Inc ICS9214 Datasheet HTML 9Page - Integrated Circuit Solution Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
Integrated
Circuit
Systems, Inc.
ICS9214
0809F—11/05/07
SMB Table: Output Control Register
Control
Function
Bit 7
Test Mode
Reserved for Vendor
RW
0
Bit 6
MULT2
Multiplier Select
RW
0
Bit 5
MULT1
Multiplier Select
RW
0
Bit 4
MULT0
Multiplier Select
RW
1
Bit 3
ODCLK_T/C0
Output Control
RW
1
Bit 2
ODCLK_T/C1
Output Control
RW
1
Bit 1
ODCLK_T/C2
Output Control
RW
1
Bit 0
ODCLK_T/C3
Output Control
RW
1
Disable = Output in high-impedance state
Enable = Output is switching
SMB Table: Frequency Multiplier Control Register
Control
Function
Bit 7
Reserved
Reserved
RW
0
Bit 6
Reserved
Reserved
RW
0
Bit 5
Reserved
Reserved
RW
0
Bit 4
Reserved
Reserved
RW
0
Bit 3
Reserved
Reserved
RW
0
Bit 2
Reserved
Reserved
RW
0
Bit 1
Reserved
Reserved
RW
0
Bit 0
Test Mode
Reserved for Vendor
RW
0
SMB Table: Revision & Vendor ID Register
Control
Function
Bit 7
RID4
R
X
Bit 6
RID3
R
X
Bit 5
RID2
R
X
Bit 4
RID1
R
X
Bit 3
RID0
R
X
Bit 2
VID2
R
0
Bit 1
VID1
R
0
Bit 0
VID0
R
1
NOTES:
1. PWD = Power Up Default
Disable
Enable
--
--
--
--
--
Vendor ID
-
--
--
Revision ID
-
--
-
--
01
See Table 2.
PWD
1
PWD
-
--
Byte 2
Pin #
Name
Type
-
-
Byte 0
Pin #
Name
Type
Disable
Enable
01
-
-
Byte 1
Pin #
-
27,26
24,23
20,19
17,16
-
--
Name
Type
0
1
--
-
--
-
-
-
-
--
-
--
PWD
Disable
Enable
Disable
Disable
Enable
Enable
Disable
Enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com