Electronic Components Datasheet Search
  English  ▼

X  

ICS9214 Datasheet(PDF) 5 Page - Integrated Circuit Solution Inc

Part # ICS9214
Description  RambusTM XDRTM Clock Generator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc

ICS9214 Datasheet(HTML) 5 Page - Integrated Circuit Solution Inc

  ICS9214 Datasheet HTML 1Page - Integrated Circuit Solution Inc ICS9214 Datasheet HTML 2Page - Integrated Circuit Solution Inc ICS9214 Datasheet HTML 3Page - Integrated Circuit Solution Inc ICS9214 Datasheet HTML 4Page - Integrated Circuit Solution Inc ICS9214 Datasheet HTML 5Page - Integrated Circuit Solution Inc ICS9214 Datasheet HTML 6Page - Integrated Circuit Solution Inc ICS9214 Datasheet HTML 7Page - Integrated Circuit Solution Inc ICS9214 Datasheet HTML 8Page - Integrated Circuit Solution Inc ICS9214 Datasheet HTML 9Page - Integrated Circuit Solution Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
Integrated
Circuit
Systems, Inc.
ICS9214
0809F—11/05/07
Device ID and SMBus Device Address
The device ID (SMB_A(1:0)) is part of the SMBus device address. The least significant bit of the address designates a write
or read operation. Table 3 shows the addresses for four ICS9214 devices on the same SMBus.
PLL Multiplier
Table 2 shows the frequency multipliers in the PLL, selectable by programming the MULT0, MULT1 and MULT2 bits in the
SMBus Multiplier Control register. Power up default is 4.
Table 2. PLL Multiplier Selection
Bit 6
Bit 5
Bit 4
MULT2
MULT1
MULT0
00
03
3003
400
00
14
4002
533
0
1
0
5
500
667
0
1
1
6
600
800
10
08
800
-3
1
0
1
9/2
450
600
1
1
0
15/2
750
-3
1
1
1
15/4
375
500
NOTES
1 Output frequencies are based on nominal input frequencies of 100 MHz and 133 MHz. The PLL
multipliers are also applicable to spread spectrum modulated input clocks.
2 Default muliplier value at power up
3 Outputs at these settings do not conform to the AC Output Characteristics, or are not supported.
4 Shaded areas are under development and are not yet supported
Byte 0
Output Frequency (MHz)
Frequency
Multiplier
CLK_INT/C =
100 MHz
1
CLK_INT/C =
133 MHz
1
Table 3. SMBus Device Addresses
Device
Operation
SMB_A1
SMB_A0
WR#/RD
Write
D8
0
Read
D9
1
Write
DA
0
Read
DB
1
Write
DC
0
Read
DD
1
Write
DE
0
Read
DF
1
0
2
ICS9214
Hex Address
0
1
3
8-bit SMBus Device Address, Including Oper.
1
11011
1
0
01
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com