Electronic Components Datasheet Search
  English  ▼

X  

ICS9214 Datasheet(PDF) 8 Page - Integrated Circuit Solution Inc

Part # ICS9214
Description  RambusTM XDRTM Clock Generator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc

ICS9214 Datasheet(HTML) 8 Page - Integrated Circuit Solution Inc

Back Button ICS9214 Datasheet HTML 4Page - Integrated Circuit Solution Inc ICS9214 Datasheet HTML 5Page - Integrated Circuit Solution Inc ICS9214 Datasheet HTML 6Page - Integrated Circuit Solution Inc ICS9214 Datasheet HTML 7Page - Integrated Circuit Solution Inc ICS9214 Datasheet HTML 8Page - Integrated Circuit Solution Inc ICS9214 Datasheet HTML 9Page - Integrated Circuit Solution Inc ICS9214 Datasheet HTML 10Page - Integrated Circuit Solution Inc ICS9214 Datasheet HTML 11Page - Integrated Circuit Solution Inc ICS9214 Datasheet HTML 12Page - Integrated Circuit Solution Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
Integrated
Circuit
Systems, Inc.
ICS9214
0809F—11/05/07
DC Characteristics - Outputs
TA = 0°C to +85°C; Supply Voltage AVDD2.5, VDD2.5 = 2.5 V +/- 0.125V (unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Power up latency
tPU
Power within spec to
outputs within spec
3ms
State transition latency
1
tCO
SMBus or Mode Select
transition to outputs valid
and within spec
3ms
Differential output
crossing voltage
VOX
Measured as shown in Fig.
3
0.9
1.1
V
Output Voltage Swing
(peak-to-peak singled
ended)
VCOS
Measured as shown in Fig.
3. Excludes over and
undershoot.
300
350
mV
Absolute output low voltage
VOLABS
Measured at ODCLK_T/C
pins
0.85
V
Reference Voltage for
swing control current
VISET
VDD = 2.3V, VOUT = 1V
0.98
1.02
V
Ratio of output low
current to reference
current at typical VDD2.5
IOL/IREF
IREF is equal to VISET/RRC.
Tolerance of RRC <=+/-1%.
6.8
7
7.2
-
Minimum current at
VOLABS
IOLABS
Measured at ODCLK_T/C
pins with termination per
Figure 3.
45
-
mA
Low-level output voltage
SMBus
VOLSMB
IOL = 4 mA
-0.4
V
Low-level output current
SMBus
IOLSMB
VOL= 0.8 V
6-
mA
Tristate output current
IOZ
Differential clock output pins
-
50
µΑ
Notes:
There is no output latency or glitches if a value is written to an output register.
that is the same as its current contents.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com