Electronic Components Datasheet Search
  English  ▼

X  

NP0 Datasheet(PDF) 2 Page - Multicomp Pro

Part # NP0
Description  Automotive Multilayer Ceramic Capacitors 10 to 100V (NP0, X7R Dielectrics)
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

NP0 Datasheet(HTML) 2 Page - Multicomp Pro

  NP0 Datasheet HTML 1Page - Multicomp Pro NP0 Datasheet HTML 2Page - Multicomp Pro NP0 Datasheet HTML 3Page - Multicomp Pro NP0 Datasheet HTML 4Page - Multicomp Pro NP0 Datasheet HTML 5Page - Multicomp Pro NP0 Datasheet HTML 6Page - Multicomp Pro NP0 Datasheet HTML 7Page - Multicomp Pro NP0 Datasheet HTML 8Page - Multicomp Pro NP0 Datasheet HTML 9Page - Multicomp Pro Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
Page <2>
V1.0
24/12/22
Automotive Multilayer Ceramic Capacitors
10 to 100V (NP0, X7R Dielectrics)
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
sg.element14.com/b/multicomp-pro
Capacitance Range
Dielectric
NP0
Size
0805
Rated
Voltage
10
16
25
50
100
200
250
500
630
0.5pF (0R5)
A
A
A
A
A
A
A
A
A
0.6pF (0R6)
A
A
A
A
A
A
A
A
A
0.7pF (0R7)
A
A
A
A
A
A
A
A
A
0.8pF (0R8)
A
A
A
A
A
A
A
A
A
0.9pF (0R9)
A
A
A
A
A
A
A
A
A
1.0pF (1R0)
A
A
A
A
A
A
A
A
A
1.2pF (1R2)
A
A
A
A
A
A
A
A
A
1.5pF (1R5)
A
A
A
A
A
A
A
A
A
1.8pF (1R8)
A
A
A
A
A
A
A
A
A
2.2pF (2R2)
A
A
A
A
A
A
A
A
A
2.7pF (2R7)
A
A
A
A
A
A
A
A
A
3.3pF (3R3)
A
A
A
A
A
A
A
A
A
3.9pF (3R9)
A
A
A
A
A
A
A
A
A
4.7pF (4R7)
A
A
A
A
A
A
A
A
A
5.6pF (5R6)
A
A
A
A
A
A
A
A
A
6.8pF (6R8)
A
A
A
A
A
A
A
A
A
8.2pF (8R2)
A
A
A
A
A
A
A
A
A
10pF (100)
A
A
A
A
A
A
A
A
A
12pF (120)
A
A
A
A
A
A
A
A
A
15pF (150)
A
A
A
A
A
A
A
A
A
18pF (180)
A
A
A
A
A
A
A
A
A
22pF (220)
A
A
A
A
A
A
A
A
A
27pF (270)
A
A
A
A
A
A
A
A
A
33pF (330)
A
A
A
A
A
A
A
A
A
39pF (390)
A
A
A
A
A
A
A
A
A
47pF (470)
A
A
A
A
A
A
A
A
A
56pF (560)
A
A
A
A
A
A
A
A
A
68pF (680)
A
A
A
A
A
A
A
A
A
82pF (820)
A
A
A
A
A
A
A
B
B
100pF (101)
A
A
A
A
A
B
B
B
B
120pF (121)
A
A
A
A
A
B
B
D
D
150pF (151)
A
A
A
A
A
D
D
D
D
180pF (181)
A
A
A
A
A
D
D
D
D
220pF (221)
A
A
A
A
A
D
D
D
D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com