Electronic Components Datasheet Search
  English  ▼

X  

NP0 Datasheet(PDF) 3 Page - Multicomp Pro

Part # NP0
Description  Automotive Multilayer Ceramic Capacitors 10 to 100V (NP0, X7R Dielectrics)
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

NP0 Datasheet(HTML) 3 Page - Multicomp Pro

  NP0 Datasheet HTML 1Page - Multicomp Pro NP0 Datasheet HTML 2Page - Multicomp Pro NP0 Datasheet HTML 3Page - Multicomp Pro NP0 Datasheet HTML 4Page - Multicomp Pro NP0 Datasheet HTML 5Page - Multicomp Pro NP0 Datasheet HTML 6Page - Multicomp Pro NP0 Datasheet HTML 7Page - Multicomp Pro NP0 Datasheet HTML 8Page - Multicomp Pro NP0 Datasheet HTML 9Page - Multicomp Pro Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
Page <3>
V1.0
24/12/22
Automotive Multilayer Ceramic Capacitors
10 to 100V (NP0, X7R Dielectrics)
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
sg.element14.com/b/multicomp-pro
Dielectric
NP0
Size
0805
Rated
Voltage
10
16
25
50
100
200
250
500
630
270pF (271)
A
A
A
A
A
D
D
D
D
330pF (331)
A
A
A
A
A
D
D
D
D
390pF (391)
B
B
B
B
B
D
D
D
D
470pF (471)
B
B
B
B
B
D
D
I
I
560pF (561)
B
B
B
B
B
D
D
I
I
680pF (681)
B
B
B
B
B
D
D
I
I
820pF (821)
B
B
B
B
B
D
D
I
I
1,000pF (102)
B
B
B
B
B
D
D
I
I
1,200pF (122)
B
B
B
B
B
D
D
1,500pF (152)
B
B
B
B
B
D
D
1,800pF (182)
B
B
B
B
B
D
D
2,200pF (222)
B
B
B
B
B
D
D
2,700pF (272)
D
D
D
D
D
3,300pF (332)
D
D
D
D
D
3,900pF (392)
D
D
D
D
D
4,700pF (472)
D
D
D
D
D
5,600pF (562)
D
D
D
D
D
6,800pF (682)
D
D
D
D
D
8,200pF (822)
D
D
D
D
0.01µF (103)
D
D
D
D
The letter in cell is expressed the symbol of product thickness.
X7R Dielectric
Dielectric
X7R
Size
0402
0603
Rated Voltage
10
16
25
50
10
16
25
50
100
100pF (101)
N
N
N
N
S
S
S
S
S
120pF (121)
N
N
N
N
S
S
S
S
S
150pF (151)
N
N
N
N
S
S
S
S
S
180pF (181)
N
N
N
N
S
S
S
S
S
220pF (221)
N
N
N
N
S
S
S
S
S
270pF (271)
N
N
N
N
S
S
S
S
S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com