Electronic Components Datasheet Search
  English  ▼

X  

NP0 Datasheet(PDF) 6 Page - Multicomp Pro

Part # NP0
Description  Automotive Multilayer Ceramic Capacitors 10 to 100V (NP0, X7R Dielectrics)
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

NP0 Datasheet(HTML) 6 Page - Multicomp Pro

Back Button NP0 Datasheet HTML 2Page - Multicomp Pro NP0 Datasheet HTML 3Page - Multicomp Pro NP0 Datasheet HTML 4Page - Multicomp Pro NP0 Datasheet HTML 5Page - Multicomp Pro NP0 Datasheet HTML 6Page - Multicomp Pro NP0 Datasheet HTML 7Page - Multicomp Pro NP0 Datasheet HTML 8Page - Multicomp Pro NP0 Datasheet HTML 9Page - Multicomp Pro NP0 Datasheet HTML 10Page - Multicomp Pro Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
Page <6>
V1.0
24/12/22
Automotive Multilayer Ceramic Capacitors
10 to 100V (NP0, X7R Dielectrics)
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
sg.element14.com/b/multicomp-pro
Dielectric
X7R
Size
0805
Rated Voltage (V DC)
10
16
25
50
100 200 250 500 630
0.082µF (823)
B
B
B
B
D
0.10µF (104)
B
B
B
B
D
0.12µF (124)
B
B
B
D
0.15µF (154)
D
D
D
D
0.18µF (184)
D
D
D
D
0.22µF (224)
D
D
D
D
0.27µF (274)
D
D
D
I
0.33µF (334)
D
D
D
I
0.39µF (394)
D
D
D
I
0.47µF (474)
D
D
D
I
0.56µF (564)
D
D
D
0.68µF (684)
D
D
D
I
0.82µF (824)
D
D
D
1.0µF (105)
D
D
D
I
2.2µF (225)
4.7µF (475)
10µF (106)
The letter in cell is expressed the symbol of product thickness.
Packaging Style And Quantity
Size
Thickness (mm)/Symbol
Paper tape
Plastic tape
7” reel
13” reel
7” reel
13” reel
0402 (1005)
0.5 ±0.05
N
10k
50k
-
-
0603 (1608)
0.8 ±0.07
S
4k
15k
-
-
0.8 +0.15/-0.1
X
4k
15k
-
-
0805 (2012)
0.6 ±0.1
A
4k
15k
-
-
0.8 ±0.1
B
4k
15k
-
-
1.25 ±0.1
D
-
-
3k
10k
1.25 ±0.2
I
-
-
3k
10k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com