Electronic Components Datasheet Search
  English  ▼

X  

NP0 Datasheet(PDF) 10 Page - Multicomp Pro

Part # NP0
Description  Automotive Multilayer Ceramic Capacitors 10 to 100V (NP0, X7R Dielectrics)
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

NP0 Datasheet(HTML) 10 Page - Multicomp Pro

Back Button NP0 Datasheet HTML 6Page - Multicomp Pro NP0 Datasheet HTML 7Page - Multicomp Pro NP0 Datasheet HTML 8Page - Multicomp Pro NP0 Datasheet HTML 9Page - Multicomp Pro NP0 Datasheet HTML 10Page - Multicomp Pro NP0 Datasheet HTML 11Page - Multicomp Pro NP0 Datasheet HTML 12Page - Multicomp Pro NP0 Datasheet HTML 13Page - Multicomp Pro NP0 Datasheet HTML 14Page - Multicomp Pro Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
Page <10>
V1.0
24/12/22
Automotive Multilayer Ceramic Capacitors
10 to 100V (NP0, X7R Dielectrics)
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
sg.element14.com/b/multicomp-pro
No AEC-Q200
Test Item
AEC-Q200 Test Condition
Requirements
Rated voltage
Insulation
Resistance
100V: All X7R;1210≥3.3μF
1GΩ or R × C
≥10Ω-F
whichever is
smaller.
50V: 0402>0.01μF;0603≥1μF;0805≥1μF;1206≥4.7μF;1210≥4.7μF
35V: 0603≥1μF;0805≥2.2μF;1206≥2.2μF;1210≥10μF
25V: 02010≥1uF;04020≥22μF;06032≥2μF;0805≥2.2μF;
1206≥10μF;1210≥10μF
16V: 02010≥1uF;04020≥22μF;0603≥1μF;0805≥2.2μF;
1206≥10μF;1210≥47μF
10V: 0201≥47nF;0402≥0.47μF;06030≥47μF;0805≥2.2μF;
1206≥4.7μF;1210≥47μF
6.3V; 4V; Size≥1812
6
Biased Humidity
MIL-STD-202
Method 103
* Test temp.: 85±3°C
* Humidity: 85%RH
* Test time: 1000+24/-0
hrs.
* To apply voltage: rated
voltage and 1.3~1.5Vdc.
(add 100k ohm resistor)
* Before initial
measurement (Class II
only) : To apply test
voltage for 1hr at test
temp. and then set for
24±2 hrs at room temp.
* Measurement to be
made after keeping at
room temp. for 24±2 hrs.
* No remarkable damage.
* Cap change : NPO: within ±2.5% or ±0.25pF whichever is larger.
X7R: within ±10%.
* Q/D.F. value:
NPO: Cap≥30pF, Q≥1000 ; Cap<30pF, Q≥400+20C.
X7R:
Rated
vol.
D.F.≤
Exception of D.F.≤
≥ 100V
≤3%
≤6%
1206≥0.47µF
≤7.5%
0603≥0.068µF;0805>0.1µF;1206≥1µF;1210≥2.2µF
≤20%
0805>0.22µF;1210≥3.3µF
50V
≤3%
≤6%
0201(50V);0603≥0.047µF;0805≥0.18µF;1206≥0.47µF
≤10%
0201≥0.01uF;1210≥3.3µF
≤20%
0402≥0.012µF;0603>0.1µF; 0805/X7R>0.47µF;
1206≥2.2µF;1210≥10µF
35V
≤5%
≤20%
0603≥1µF;0805≥2.2µF;1206≥2.2µF;1210≥10µF
25V
≤5%
≤10%
0201≥0.01µF;0805≥1µF;1210≥10µF
≤14%
0603≥0.33µF
≤15%
0201≥0.1µF; 0402≥0.056µF;0603≥0.47µF;
0805≥2.2µF;1206≥4.7µF;1210≥22µF
≤20%
0402≥0.47µF
16V
≤5%
≤10%
0603≥0.15µF;0805≥0.68µF;1206≥2.2µF;1210≥4.7µF
≤15%
0201≥0.022µF;0402≥0.033µF;
0603>0.47µF;0805≥2.2µF;1206≥4.7µF;1210≥22µF
10V
≤7.5%
≤15%
0201≥0.012µF;0402≥0.22µF;
0603≥0.33µF;0805≥2.2µF;1206≥2.2µF;1210≥22µF
≤20%
0201≥0.1µF;0402≥1µF
6.3V
≤15%
≤30%
0201≥0.1µF;0402≥1µF;0603≥10µF;
0805≥4.7µF;1206≥47µF;1210≥100µF
4V
≤20%
---
---
* I.R.: 10GΩ or RxC50Ω-F whichever is smaller.
Class II (X7R)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com