Electronic Components Datasheet Search
  English  ▼

X  

NP0 Datasheet(PDF) 5 Page - Multicomp Pro

Part # NP0
Description  Automotive Multilayer Ceramic Capacitors 10 to 100V (NP0, X7R Dielectrics)
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

NP0 Datasheet(HTML) 5 Page - Multicomp Pro

  NP0 Datasheet HTML 1Page - Multicomp Pro NP0 Datasheet HTML 2Page - Multicomp Pro NP0 Datasheet HTML 3Page - Multicomp Pro NP0 Datasheet HTML 4Page - Multicomp Pro NP0 Datasheet HTML 5Page - Multicomp Pro NP0 Datasheet HTML 6Page - Multicomp Pro NP0 Datasheet HTML 7Page - Multicomp Pro NP0 Datasheet HTML 8Page - Multicomp Pro NP0 Datasheet HTML 9Page - Multicomp Pro Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
Page <5>
V1.0
24/12/22
Automotive Multilayer Ceramic Capacitors
10 to 100V (NP0, X7R Dielectrics)
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
sg.element14.com/b/multicomp-pro
X7R Dielectric
Dielectric
X7R
Size
0805
Rated Voltage (V DC)
10
16
25
50
100 200 250 500 630
100pF (101)
B
B
B
B
B
B
B
B
B
120pF (121)
B
B
B
B
B
B
B
B
B
150pF (151)
B
B
B
B
B
B
B
B
B
180pF (181)
B
B
B
B
B
B
B
B
B
220pF (221)
B
B
B
B
B
B
B
B
B
270pF (271)
B
B
B
B
B
B
B
B
B
330pF (331)
B
B
B
B
B
B
B
B
B
390pF (391)
B
B
B
B
B
B
B
B
B
470pF (471)
B
B
B
B
B
B
B
B
B
560pF (561)
B
B
B
B
B
B
B
B
B
680pF (681)
B
B
B
B
B
B
B
B
B
820pF (821)
B
B
B
B
B
B
B
B
B
1,000pF (102)
B
B
B
B
B
B
B
B
B
1,200pF (122)
B
B
B
B
B
B
B
B
B
1,500pF (152)
B
B
B
B
B
B
B
B
B
1,800pF (182)
B
B
B
B
B
B
B
B
B
2,200pF (222)
B
B
B
B
B
B
B
B
B
2,700pF (272)
B
B
B
B
B
B
B
B
B
3,300pF (332)
B
B
B
B
B
B
B
B
B
3,900pF (392)
B
B
B
B
B
B
B
B
B
4,700pF (472)
B
B
B
B
B
B
B
D
D
5,600pF (562)
B
B
B
B
B
B
B
D
D
6,800pF (682)
B
B
B
B
B
B
B
D
D
8,200pF (822)
B
B
B
B
B
B
B
D
D
0.010µF (103)
B
B
B
B
B
D
D
D
D
0.012µF (123)
B
B
B
B
B
D
D
0.015µF (153)
B
B
B
B
B
D
D
0.018µF (183)
B
B
B
B
B
D
D
0.022µF (223)
B
B
B
B
B
D
D
0.027µF (273)
B
B
B
B
D
0.033µF (333)
B
B
B
B
D
0.039µF (393)
B
B
B
B
D
0.047µF (473)
B
B
B
B
D
0.056µF (563)
B
B
B
B
D
0.068µF (683)
B
B
B
B
D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com