Electronic Components Datasheet Search
  English  ▼

X  

TCA6408ARSVR Datasheet(PDF) 21 Page - Texas Instruments

Part # TCA6408ARSVR
Description  TCA6408A Low-Voltage 8-Bit I2C and SMBus I/O Expander With Interrupt Output, Reset, and Configuration Registers
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TCA6408ARSVR Datasheet(HTML) 21 Page - Texas Instruments

Back Button TCA6408ARSVR Datasheet HTML 17Page - Texas Instruments TCA6408ARSVR Datasheet HTML 18Page - Texas Instruments TCA6408ARSVR Datasheet HTML 19Page - Texas Instruments TCA6408ARSVR Datasheet HTML 20Page - Texas Instruments TCA6408ARSVR Datasheet HTML 21Page - Texas Instruments TCA6408ARSVR Datasheet HTML 22Page - Texas Instruments TCA6408ARSVR Datasheet HTML 23Page - Texas Instruments TCA6408ARSVR Datasheet HTML 24Page - Texas Instruments TCA6408ARSVR Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 50 page
background image
I2C/SMBus state machine are changed to their default state once RESET is low (0). When RESET is high (1),
the I/O levels at the P-port can be changed externally or through the controller. This input requires a pull-up
resistor to VCCI, if no active connection is used.
8.4 Device Functional Modes
8.4.1 Power-On Reset (POR)
When power (from 0 V) is applied to VCCP, an internal power-on reset holds the TCA6408A in a reset condition
until VCCP has reached VPOR. At that time, the reset condition is released, and the TCA6408A registers and
I2C/SMBus state machine initialize to their default states. After that, VCCP must be lowered to below VPORF and
back up to the operating voltage for a power-reset cycle.
8.4.2 Powered-Up
When power has been applied to both VCCP and VCCI and a POR has taken place, the device is in a functioning
mode. The device will always be ready to receive new requests via the I2C bus.
8.5 Programming
8.5.1 I2C Interface
The TCA6408A has a standard bidirectional I2C interface that is controlled by a controller device in order to
be configured or read the status of this device. Each target on the I2C bus has a specific device address
to differentiate between other target devices that are on the same I2C bus. Many target devices will require
configuration upon startup to set the behavior of the device. This is typically done when the controller accesses
internal register maps of the target, which have unique register addresses. A device can have one or multiple
registers where data is stored, written, or read.
The physical I2C interface consists of the serial clock (SCL) and serial data (SDA) lines. Both SDA and SCL lines
must be connected to VCC through a pull-up resistor. The size of the pull-up resistor is determined by the amount
of capacitance on the I2C lines. (For further details, refer to I2C Pull-up Resistor Calculation (SLVA689).) Data
transfer may be initiated only when the bus is idle. A bus is considered idle if both SDA and SCL lines are high
after a STOP condition.
The following is the general procedure for a controller to access a target device:
1. If a controller wants to send data to a target:
• Controller-transmitter sends a START condition and addresses the target-receiver.
• Controller-transmitter sends data to target-receiver.
• Controller-transmitter terminates the transfer with a STOP condition.
2. If a controller wants to receive or read data from a target:
• Controller-receiver sends a START condition and addresses the target-transmitter.
• Controller-receiver sends the requested register to read to target-transmitter.
• Controller-receiver receives data from the target-transmitter.
• Controller-receiver terminates the transfer with a STOP condition.
SCL
SDA
STAR T
Condition
STOP
Condition
Data Transfer
Figure 8-3. Definition of Start and Stop Conditions
www.ti.com
TCA6408A
SCPS192E – APRIL 2009 – REVISED JANUARY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: TCA6408A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com