Electronic Components Datasheet Search
  English  ▼

X  

TCA6408ARSVR Datasheet(PDF) 13 Page - Texas Instruments

Part # TCA6408ARSVR
Description  TCA6408A Low-Voltage 8-Bit I2C and SMBus I/O Expander With Interrupt Output, Reset, and Configuration Registers
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TCA6408ARSVR Datasheet(HTML) 13 Page - Texas Instruments

Back Button TCA6408ARSVR Datasheet HTML 9Page - Texas Instruments TCA6408ARSVR Datasheet HTML 10Page - Texas Instruments TCA6408ARSVR Datasheet HTML 11Page - Texas Instruments TCA6408ARSVR Datasheet HTML 12Page - Texas Instruments TCA6408ARSVR Datasheet HTML 13Page - Texas Instruments TCA6408ARSVR Datasheet HTML 14Page - Texas Instruments TCA6408ARSVR Datasheet HTML 15Page - Texas Instruments TCA6408ARSVR Datasheet HTML 16Page - Texas Instruments TCA6408ARSVR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 50 page
background image
7 Parameter Measurement Information
SDA LOADCONFIGURATION
VCCI
R =1k
L
W
C =50pF
(seeNote A)
L
DUT
SDA
TwoBytesforREADInputPortRegister
(seeFigure9)
VOLTAGEWAVEFORMS
1
2
BYTE
DESCRIPTION
I Caddress
2
Inputregisterportdata
SCL
SDA
Stop
Condition
(P)
Start
Condition
(S)
Address
Bit7
(MSB)
Address
Bit1
R/
Bit0
(LSB)
W
ACK
(A)
Data
Bit7
(MSB)
Data
Bit0
(LSB)
Stop
Condition
(P)
0.7 ´ VCCI
0.3 ´ VCCI
RepeatStart
Condition
Stop
Condition
0.7 ´ VCCI
0.3 ´ VCCI
tscl
tsch
tsp
ticf
ticf
ticr
tsth
ticr
tsds
tsdh
tocf
tvd(ack)
tvd
tvd
tsts
tsps
tbuf
A.
CL includes probe and jig capacitance. tocf is measured with CL of 10 pF or 400 pF.
B.
All inputs are supplied by generators having the following characteristics: PRR ≤ 10 MHz, ZO = 50 Ω, tr/tf ≤ 30 ns.
C.
All parameters and waveforms are not applicable to all devices.
Figure 7-1. I2C Interface Load Circuit and Voltage Waveforms
www.ti.com
TCA6408A
SCPS192E – APRIL 2009 – REVISED JANUARY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: TCA6408A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com