Electronic Components Datasheet Search
  English  ▼

X  

TCA6408ARSVR Datasheet(PDF) 39 Page - Texas Instruments

Part # TCA6408ARSVR
Description  TCA6408A Low-Voltage 8-Bit I2C and SMBus I/O Expander With Interrupt Output, Reset, and Configuration Registers
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TCA6408ARSVR Datasheet(HTML) 39 Page - Texas Instruments

Back Button TCA6408ARSVR Datasheet HTML 35Page - Texas Instruments TCA6408ARSVR Datasheet HTML 36Page - Texas Instruments TCA6408ARSVR Datasheet HTML 37Page - Texas Instruments TCA6408ARSVR Datasheet HTML 38Page - Texas Instruments TCA6408ARSVR Datasheet HTML 39Page - Texas Instruments TCA6408ARSVR Datasheet HTML 40Page - Texas Instruments TCA6408ARSVR Datasheet HTML 41Page - Texas Instruments TCA6408ARSVR Datasheet HTML 42Page - Texas Instruments TCA6408ARSVR Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 50 page
background image
www.ti.com
GENERIC PACKAGE VIEW
This image is a representation of the package family, actual package may vary.
Refer to the product data sheet for package details.
UQFN - 0.55 mm max height
RSV 16
ULTRA THIN QUAD FLATPACK - NO LEAD
1.8 x 2.6, 0.4 mm pitch
4231225/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com