Electronic Components Datasheet Search
  English  ▼

X  

TCA6408ARSVR Datasheet(PDF) 7 Page - Texas Instruments

Part # TCA6408ARSVR
Description  TCA6408A Low-Voltage 8-Bit I2C and SMBus I/O Expander With Interrupt Output, Reset, and Configuration Registers
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TCA6408ARSVR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TCA6408ARSVR Datasheet HTML 3Page - Texas Instruments TCA6408ARSVR Datasheet HTML 4Page - Texas Instruments TCA6408ARSVR Datasheet HTML 5Page - Texas Instruments TCA6408ARSVR Datasheet HTML 6Page - Texas Instruments TCA6408ARSVR Datasheet HTML 7Page - Texas Instruments TCA6408ARSVR Datasheet HTML 8Page - Texas Instruments TCA6408ARSVR Datasheet HTML 9Page - Texas Instruments TCA6408ARSVR Datasheet HTML 10Page - Texas Instruments TCA6408ARSVR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 50 page
background image
6.5 Electrical Characteristics
over recommended operating free-air temperature range, VCCI = 1.65 V to 5.5 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCCP
MIN TYP(1)
MAX UNIT
VIK
Input diode clamp voltage II = –18 mA
1.65 V to 5.5 V
–1.2
V
VPOR
Power-on reset voltage(2) VI = VCCP or GND, IO = 0
1.65 V to 5.5 V
1
1.4
V
VOH
P-port high-level output
voltage
IOH = –8 mA
1.65 V
1.2
V
2.3 V
1.8
3 V
2.6
4.5 V
4.1
IOH = –10 mA
1.65 V
1.1
2.3 V
1.7
3 V
2.5
4.5 V
4.0
VOL
P-port low-level output
voltage
IOL = 8 mA
1.65 V
0.45
V
2.3 V
0.25
3 V
0.25
4.5 V
0.2
IOL = 10 mA
1.65 V
0.6
2.3 V
0.3
3 V
0.25
4.5 V
0.2
IOL
SDA
VOL = 0.4 V
1.65 V to 5.5 V
3
mA
INT
3
15
II
SCL, SDA, RESET
VI = VCCI or GND
1.65 V to 5.5 V
±0.1
μA
ADDR
VI = VCCP or GND
±0.1
IIH
P-port
VI = VCCP
1.65 V to 5.5 V
1
μA
IIL
P-port
VI = GND
1
μA
ICC
(ICCI + ICCP)
Operating
mode
SDA,
P-port,
ADDR,
RESET
VI on SDA and RESET= VCCI or GND,
VI on P-port and ADDR = VCCP or GND,
IO = 0, I/O = inputs,
fSCL = 400 kHz
3.6 V to 5.5 V
10
20
μA
2.3 V to 3.6 V
6.5
15
1.65 V to 2.3 V
4
9
Standby
mode
SCL, SDA,
P-port,
ADDR,
RESET
VI on SCL, SDA and RESET = VCCI or
GND,
VI on P-Port and ADDR = VCCP or GND,
IO = 0, I/O = inputs,
fSCL = 0
3.6 V to 5.5 V
1.5
7
2.3 V to 3.6 V
1
3.2
1.65 V to 2.3 V
0.5
1.7
ΔICCI
Additional
current in
standby
mode
SCL, SDA,
RESET
One input at VCCI – 0.6 V,
Other inputs at VCCI or GND
1.65 V to 5.5 V
25
μA
ΔICCP
P-port,
ADDR
One input at VCCP – 0.6 V,
Other inputs at VCCP or GND
1.65 V to 5.5 V
80
μA
Ci
SCL
VI = VCCI or GND
1.65 V to 5.5 V
6
7
pF
Cio
SDA
VIO = VCCI or GND
1.65 V to 5.5 V
7
8
pF
P-port
VIO = VCCP or GND
7.5
8.5
(1)
All typical values are at nominal supply voltage (1.8-V, 2.5-V, 3.3-V, or 5-V VCC) and TA = 25°C.
(2)
When power (from 0 V) is applied to VCCP, an internal power-on reset holds the TCA6408A in a reset condition until VCCP has reached
VPOR. At that time, the reset condition is released, and the TCA6408A registers and I2C/SMBus state machine initialize to their default
states. After that, VCCP must be lowered to below 0.2 V and back up to the operating voltage for a power-reset cycle.
www.ti.com
TCA6408A
SCPS192E – APRIL 2009 – REVISED JANUARY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: TCA6408A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com