Electronic Components Datasheet Search
  English  ▼

X  

TCA6408ARSVR Datasheet(PDF) 29 Page - Texas Instruments

Part # TCA6408ARSVR
Description  TCA6408A Low-Voltage 8-Bit I2C and SMBus I/O Expander With Interrupt Output, Reset, and Configuration Registers
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TCA6408ARSVR Datasheet(HTML) 29 Page - Texas Instruments

Back Button TCA6408ARSVR Datasheet HTML 25Page - Texas Instruments TCA6408ARSVR Datasheet HTML 26Page - Texas Instruments TCA6408ARSVR Datasheet HTML 27Page - Texas Instruments TCA6408ARSVR Datasheet HTML 28Page - Texas Instruments TCA6408ARSVR Datasheet HTML 29Page - Texas Instruments TCA6408ARSVR Datasheet HTML 30Page - Texas Instruments TCA6408ARSVR Datasheet HTML 31Page - Texas Instruments TCA6408ARSVR Datasheet HTML 32Page - Texas Instruments TCA6408ARSVR Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 50 page
background image
9.2.2 Detailed Design Procedure
The pull-up resistors, RP, for the SCL and SDA lines need to be selected appropriately and take into
consideration the total capacitance of all targets on the I2C bus. The minimum pull-up resistance is a function of
VCC, VOL,(max), and IOL:
CC
OL(max)
p(min)
OL
V
V
R
I
-
=
(1)
The maximum pull-up resistance is a function of the maximum rise time, tr (300 ns for fast-mode operation, fSCL
= 400 kHz) and bus capacitance, Cb:
r
p(max)
b
t
R
0.8473 C
=
´
(2)
The maximum bus capacitance for an I2C bus must not exceed 400 pF for standard-mode or fast-mode
operation. The bus capacitance can be approximated by adding the capacitance of the TCA9538, Ci for SCL or
CIO for SDA, the capacitance of wires, connections, and traces, and the capacitance of additional targets on the
bus.
9.2.2.1 Minimizing ICC When I/O is Used to Control LEDs
When the I/Os are used to control LEDs, normally they are connected to VCC through a resistor as shown in
Figure 9-1. The LED acts as a diode, so when the LED is off, the I/O VIN is about 1.2 V less than VCC. The ΔICC
parameter in Section 6.5 shows how ICC increases as VIN becomes lower than VCC. Designs that must minimize
current consumption, such as battery power applications, should consider maintaining the I/O pins greater than
or equal to VCC when the LED is off.
Figure 9-2 shows a high-value resistor in parallel with the LED. Figure 9-3 shows VCC less than the LED supply
voltage by at least 1.2 V. Both of these methods maintain the I/O VIN at or above VCC and prevent additional
supply current consumption when the LED is off.
Px
LED
100 kΩ
V
CC
V
CC
Figure 9-2. High-Value Resistor in Parallel With LED
www.ti.com
TCA6408A
SCPS192E – APRIL 2009 – REVISED JANUARY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
29
Product Folder Links: TCA6408A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com